Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPD60R180P7S Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPD60R180P7S
Description  600V CoolMOS짧 P7 Power Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD60R180P7S Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IPD60R180P7S Datasheet HTML 3Page - Infineon Technologies AG IPD60R180P7S Datasheet HTML 4Page - Infineon Technologies AG IPD60R180P7S Datasheet HTML 5Page - Infineon Technologies AG IPD60R180P7S Datasheet HTML 6Page - Infineon Technologies AG IPD60R180P7S Datasheet HTML 7Page - Infineon Technologies AG IPD60R180P7S Datasheet HTML 8Page - Infineon Technologies AG IPD60R180P7S Datasheet HTML 9Page - Infineon Technologies AG IPD60R180P7S Datasheet HTML 10Page - Infineon Technologies AG IPD60R180P7S Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
600VCoolMOSªP7PowerTransistor
IPD60R180P7S
Rev.2.0,2017-06-12
Final Data Sheet
4Electricalcharacteristicsdiagrams
Diagram1:Powerdissipation
TC[°C]
0
25
50
75
100
125
150
0
10
20
30
40
50
60
70
80
Ptot=f(TC)
Diagram2:Safeoperatingarea
VDS[V]
100
101
102
103
10-4
10-3
10-2
10-1
100
101
102
10 µs
1 µs
100 µs
1 ms
DC
10 ms
ID=f(VDS);TC=25°C;D=0;parameter:tp
Diagram3:Safeoperatingarea
VDS[V]
100
101
102
103
10-4
10-3
10-2
10-1
100
101
102
1 µs
10 µs
100 µs
1 ms
10 ms
DC
ID=f(VDS);TC=80°C;D=0;parameter:tp
Diagram4:Max.transientthermalimpedance
tp[s]
10-5
10-4
10-3
10-2
10-1
100
10-2
10-1
100
101
0.5
0.1
0.2
0.05
0.02
0.01
single pulse
ZthJC=f(tP);parameter:D=tp/T


Similar Part No. - IPD60R180P7S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD60R180P7 INFINEON-IPD60R180P7 Datasheet
1Mb / 14P
   600V CoolMOS짧 P7 Power Transistor
Rev.2.1,2017-02-17
logo
Inchange Semiconductor ...
IPD60R180P7 ISC-IPD60R180P7 Datasheet
328Kb / 2P
   isc N-Channel MOSFET Transistor
IPD60R180P7 ISC-IPD60R180P7_V01 Datasheet
328Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IPD60R180P7S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB60R080P7 INFINEON-IPB60R080P7 Datasheet
1Mb / 14P
   600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-09-29
IPB60R120P7 INFINEON-IPB60R120P7 Datasheet
1Mb / 14P
   600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-09-29
IPB60R280P7 INFINEON-IPB60R280P7 Datasheet
1Mb / 14P
   600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-09-29
IPL60R125P7 INFINEON-IPL60R125P7 Datasheet
1Mb / 14P
   600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-09-19
IPA60R080P7 INFINEON-IPA60R080P7 Datasheet
985Kb / 14P
   600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-05-18
IPD60R280P7S INFINEON-IPD60R280P7S Datasheet
921Kb / 14P
   600V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-04-25
IPL60R085P7 INFINEON-IPL60R085P7 Datasheet
1Mb / 14P
   600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-09-19
IPA60R360P7 INFINEON-IPA60R360P7 Datasheet
1Mb / 14P
   600V CoolMOS짧 P7 Power Transistor
Rev.2.1,2017-03-02
IPAW60R180P7S INFINEON-IPAW60R180P7S Datasheet
1Mb / 14P
   600V CoolMOS짧 P7 Power Transistor
Rev.2.1,2017-03-01
IPL60R185P7 INFINEON-IPL60R185P7 Datasheet
1Mb / 14P
   600V CoolMOS짧 P7 Power Transistor
Rev.2.1,2017-02-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com