Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF100P219 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IRF100P219
Description  UPS and Inverter applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRF100P219 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IRF100P219 Datasheet HTML 1Page - Infineon Technologies AG IRF100P219 Datasheet HTML 2Page - Infineon Technologies AG IRF100P219 Datasheet HTML 3Page - Infineon Technologies AG IRF100P219 Datasheet HTML 4Page - Infineon Technologies AG IRF100P219 Datasheet HTML 5Page - Infineon Technologies AG IRF100P219 Datasheet HTML 6Page - Infineon Technologies AG IRF100P219 Datasheet HTML 7Page - Infineon Technologies AG IRF100P219 Datasheet HTML 8Page - Infineon Technologies AG IRF100P219 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Final Datasheet
4
V2.0
2017-12-18
IR MOSFET-StrongIRFET™
IRF100P219
Table 2
Maximum ratings (at TJ=25°C, unless otherwise specified)
Parameter
Symbol
Values
Unit
Continuous Drain Current (Silicon Limited)
ID
304
A
Continuous Drain Current (Silicon Limited)
ID
215
Pulsed Drain Current 
IDM
780
Maximum Power Dissipation
PD
341
W
Linear Derating Factor
2.3
W/°C
Gate-to-Source Voltage
VGS
± 20
V
Operating Junction and
Storage Temperature Range
TJ
TSTG
-55 to + 175
°C
Soldering Temperature, for 10 seconds
(1.6mm from case)
-
300
Mounting Torque, 6-32 or M3 Screw
-
10 lbf·in (1.1 N·m)
-
Conditions
TC = 25°C, VGS @ 10V
TC = 100°C, VGS @ 10V
TC = 25°C
TC = 25°C
TC = 25°C
-
-
-
-
Continuous Drain Current (Package Limited)
ID
TC = 25°C, VGS @ 10V
195
Notes:

Calculated continuous current based on maximum allowable junction temperature. Bond wire current limit is 195A.
Note that Current limitations arising from heating of the device leads may occur with some lead mounting arrangements.
(Refer to AN-1140)

Repetitive rating; pulse width limited by max. junction temperature.
Limited by TJmax, starting TJ = 25°C, L = 0.093mH, RG = 50, IAS = 100A, VGS =10V.

ISD  100A, di/dt  1950A/µs, VDDV(BR)DSS, TJ 175°C.

Pulse width  400µs; duty cycle  2%.
Coss eff. (TR) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.
Coss eff. (ER) is a fixed capacitance that gives the same energy as Coss while VDS is rising from 0 to 80% VDSS.
Ris measured at TJ approximately 90°C.
Pulse drain current is limited to 780A by source bonding technology.
Table 4
Avalanche characteristics
Parameter
Symbol
Values
Unit
Single Pulse Avalanche Energy 
EAS(Thermallylimited)
464
mJ
Avalanche Current 
IAR
See Fig 16, 17, 23a, 23b
A
Repetitive Avalanche Energy 
EAR
mJ
Table 3
Thermal characteristics
Parameter
Symbol
Conditions
Typ.
Max.
Unit
Junction-to-Case 
RJC
TJ approximately 90°C
-
0.44
°C/W
Case-to-Sink, Flat Greased Surface
RCS
-
0.24
-
Junction-to-Ambient
RJA
-
-
40
Min.
-
-
-
2
Maximum ratings and thermal characteristics
Maximum ratings and thermal characteristics


Similar Part No. - IRF100P219

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRF100P218 INFINEON-IRF100P218 Datasheet
1Mb / 17P
   UPS and Inverter applications
V1.0 2017-12-18
More results

Similar Description - IRF100P219

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRF200P222 INFINEON-IRF200P222 Datasheet
1Mb / 17P
   UPS and Inverter applications
V1.0 2017-03-10
IRF100P218 INFINEON-IRF100P218 Datasheet
1Mb / 17P
   UPS and Inverter applications
V1.0 2017-12-18
logo
Shenzhen Huazhimei Semi...
HM70N20T HMSEMI-HM70N20T Datasheet
402Kb / 9P
   UPS and inverter.
logo
International Rectifier
IRLB8721PBF IRF-IRLB8721PBF_15 Datasheet
272Kb / 9P
   Optimized for UPS/Inverter Applications
IRLB8743PBF IRF-IRLB8743PBF_15 Datasheet
271Kb / 9P
   Optimized for UPS/Inverter Applications
IRLB8748PBF IRF-IRLB8748PBF_15 Datasheet
270Kb / 9P
   Optimized for UPS/Inverter Applications
IRFR8314PBF IRF-IRFR8314PBF_15 Datasheet
549Kb / 9P
   Optimized for UPS/Inverter Applications
logo
Infineon Technologies A...
IRLB4132PBF INFINEON-IRLB4132PBF Datasheet
2Mb / 9P
   Optimized for UPS/Inverter Applications
2019-08-14
logo
International Rectifier
IRL8114PBF IRF-IRL8114PBF_15 Datasheet
429Kb / 7P
   Optimized for UPS/Inverter Applications
IRLB8314PBF IRF-IRLB8314PBF_15 Datasheet
697Kb / 8P
   Optimized for UPS/Inverter Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com