Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS80LV31-40PLI Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS80LV31-40PLI
Description  CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS80LV31-40PLI Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS80LV31-40PLI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS80LV31-40PLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS80LV31-40PLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS80LV31-40PLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS80LV31-40PLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS80LV31-40PLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS80LV31-40PLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS80LV31-40PLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS80LV31-40PLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
IS80LV51
IS80LV31
Integrated Silicon Solution, Inc.
1
ADVANCE INFORMATION MC018-0A
10/01/98
ISSI®
This document contains ADVANCE INFORMATION data. ISSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible
product. We assume no responsibility for any errors which may appear in this publication. © Copyright 1998, Integrated Silicon Solution, Inc.
IS80LV51
IS80LV31
CMOS SINGLE CHIP
LOW VOLTAGE
8-BIT MICROCONTROLLER
ADVANCE INFORMATION
OCTOBER 1998
FEATURES
• 80C51 based architecture
• 4K x 8 ROM (IS80LV51 only)
• 128 x 8 RAM
• Two 16-bit Timer/Counters
• Full duplex serial channel
• Boolean processor
• Four 8-bit I/O ports, 32 I/O lines
• Memory addressing capability
– 64K ROM and 64K RAM
• Programmable lock
– Lock bits (2)
Power save modes:
– Idle and power-down
• Six interrupt sources
• Most instructions execute in 0.3
µs
• CMOS and TTL compatible
• Maximum speed: 40 MHz @ Vcc = 3.3V
• Industrial temperature available
• Packages available:
– 40-pin DIP
– 44-pin PLCC
– 44-Pin PQFP
GENERAL DESCRIPTION
The
ISSI IS80LV51 and IS80LV31 are high-performance
microcontrollers fabricated using high-density CMOS
technology. The CMOS IS80LV51/31 is functionally
compatible with the industry standard 80C51
microcontrollers.
The IS80LV51/31 is designed with 4K x 8 ROM (IS80LV51
only); 128 x 8 RAM; 32 programmable I/O lines; a serial
I/O port for either multiprocessor communications, I/O
expansion or full duplex UART; two 16-bit timer/counters;
a six-source, two-priority-level, nested interrupt structure;
and an on-chip oscillator and clock circuit. The
IS80LV51/31 can be expanded using standard TTL
compatible memory.
Figure 1. IS80LV51/31 Pin Configuration: 40-pin PDIP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
RST
RxD/P3.0
TxD/P3.1
INT0/P3.2
INT1/P3.3
T0/P3.4
T1/P3.5
WR/P3.6
RD/P3.7
XTAL2
XTAL1
GND
VCC
P0.0/AD0
P0.1/AD1
P0.2/AD2
P0.3/AD3
P0.4/AD4
P0.5/AD5
P0.6/AD6
P0.7/AD7
EA/VPP
ALE/PROG
PSEN
P2.7/A15
P2.6/A14
P2.5/A13
P2.4/A12
P2.3/A11
P2.2/A10
P2.1/A9
P2.0/A8
ISSI®


Similar Part No. - IS80LV31-40PLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS80LV32 ISSI-IS80LV32 Datasheet
385Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV32-24PL ISSI-IS80LV32-24PL Datasheet
385Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV32-24PLI ISSI-IS80LV32-24PLI Datasheet
385Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV32-24PQ ISSI-IS80LV32-24PQ Datasheet
385Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV32-24PQI ISSI-IS80LV32-24PQI Datasheet
385Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
More results

Similar Description - IS80LV31-40PLI

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN80CL31N INTEGRAL-IN80CL31N Datasheet
119Kb / 2P
   CMOS LOW-VOLTAGE SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Integrated Silicon Solu...
IS80LV52 ISSI-IS80LV52 Datasheet
385Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Integrated Circuit Solu...
IC80LV52 ICSI-IC80LV52 Datasheet
131Kb / 22P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IC80LV51 ICSI-IC80LV51 Datasheet
124Kb / 20P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Integrated Silicon Solu...
IS80C52 ISSI-IS80C52 Datasheet
382Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com