Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZT958TA Datasheet(PDF) 6 Page - Diodes Incorporated

Part # FZT958TA
Description  400V PNP MEDIUM POWER TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT958TA Datasheet(HTML) 6 Page - Diodes Incorporated

  FZT958TA Datasheet HTML 1Page - Diodes Incorporated FZT958TA Datasheet HTML 2Page - Diodes Incorporated FZT958TA Datasheet HTML 3Page - Diodes Incorporated FZT958TA Datasheet HTML 4Page - Diodes Incorporated FZT958TA Datasheet HTML 5Page - Diodes Incorporated FZT958TA Datasheet HTML 6Page - Diodes Incorporated FZT958TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
FZT958
Document number: DS36166 Rev. 6 - 2
6 of 7
www.diodes.com
December 2016
© Diodes Incorporated
FZT958
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT223
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT223
Note:
For high voltage applications, the appropriate industry sector guidelines should be considered with regards to creepage and clearance distances between
device terminals and PCB tracking.
SOT223
Dim
Min
Max
Typ
A
1.55
1.65
1.60
A1
0.010
0.15
0.05
b
0.60
0.80
0.70
b1
2.90
3.10
3.00
C
0.20
0.30
0.25
D
6.45
6.55
6.50
E
3.45
3.55
3.50
E1
6.90
7.10
7.00
e
-
-
4.60
e1
-
-
2.30
L
0.85
1.05
0.95
Q
0.84
0.94
0.89
All Dimensions in mm
Dimensions Value (in mm)
C
2.30
C1
6.40
X
1.20
X1
3.30
Y
1.60
Y1
1.60
Y2
8.00
A1
A
D
b
e
e1
b1
C
E1
L
-10°
Q
E
0.25
Seating
Plane
Gauge
Plane
X1
Y1
Y
X
C
C1
Y2


Similar Part No. - FZT958TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT958 ZETEX-FZT958 Datasheet
101Kb / 5P
   PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Diodes Incorporated
FZT958 DIODES-FZT958 Datasheet
114Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT
logo
List of Unclassifed Man...
FZT958 ETC-FZT958 Datasheet
114Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Diodes Incorporated
FZT958 DIODES-FZT958_15 Datasheet
782Kb / 7P
   400V PNP MEDIUM POWER TRANSISTOR IN SOT223
More results

Similar Description - FZT958TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP558L DIODES-ZXTP558L Datasheet
234Kb / 5P
   400V PNP MEDIUM POWER HIGH VOLTAGE TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SA94 SECOS-2SA94 Datasheet
373Kb / 2P
   -0.2A , -400V PNP Silicon Medium Power Transistor
logo
Diodes Incorporated
FZT958 DIODES-FZT958_15 Datasheet
782Kb / 7P
   400V PNP MEDIUM POWER TRANSISTOR IN SOT223
ZXTP08400BFF DIODES-ZXTP08400BFF_16 Datasheet
392Kb / 7P
   400V PNP MEDIUM POWER HIGH VOLTAGE TRANSISTOR
logo
Zetex Semiconductors
ZXTP08400BFF ZETEX-ZXTP08400BFF Datasheet
284Kb / 8P
   400V, SOT23F, PNP medium power high voltage transistor
logo
Diodes Incorporated
ZXTP08400BFF DIODES-ZXTP08400BFF Datasheet
312Kb / 8P
   400V, SOT23F, PNP medium power high voltage transistor
FZT558TA DIODES-FZT558TA Datasheet
378Kb / 6P
   400V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
ZXTP08400BFF DIODES-ZXTP08400BFF_15 Datasheet
460Kb / 7P
   400V PNP MEDIUM POWER HIGH VOLTAGE TRANSISTOR IN SOT23F
ZTX758 DIODES-ZTX758_15 Datasheet
527Kb / 7P
   400V PNP MEDIUM POWER HIGH VOLTAGE TRANSISTOR IN E-LINE
FZT458 DIODES-FZT458_15 Datasheet
420Kb / 7P
   400V NPN MEDIUM POWER TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com