Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5009-E1010 Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # TLE5009-E1010
Description  3V to 5.5V operating supply voltage
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5009-E1010 Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button TLE5009-E1010 Datasheet HTML 22Page - Infineon Technologies AG TLE5009-E1010 Datasheet HTML 23Page - Infineon Technologies AG TLE5009-E1010 Datasheet HTML 24Page - Infineon Technologies AG TLE5009-E1010 Datasheet HTML 25Page - Infineon Technologies AG TLE5009-E1010 Datasheet HTML 26Page - Infineon Technologies AG TLE5009-E1010 Datasheet HTML 27Page - Infineon Technologies AG TLE5009-E1010 Datasheet HTML 28Page - Infineon Technologies AG TLE5009-E1010 Datasheet HTML 29Page - Infineon Technologies AG TLE5009-E1010 Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
TLE5009
Specification
Data Sheet
26
Rev. 1.1, 2012-04
3.5
Safety Features
3.5.1
Built in error diagnosis
The device sensor provides two functions at the VGMR pin. During normal operation the voltage measured at this
pin is temperature dependent. The typical voltage at room temperature and the temperature coefficient are given
in Table 4 “Electrical parameters” on Page 15.
The second purpose of pin VGMR is the diagnosis functionality. In case the device detects an internal error, the pin
is driven to a low level as described in Table 4 “Electrical parameters” on Page 15.
The errors that can be detected by monitoring the status of the VGMR pin are:
Start-up failure
Overvoltage at VDD (threshold level min. 6V, max. 7V)
Undervoltage at internal nodes
3.5.2
External Diagnosis
Adressing the demands for functional safety, run time checks can be done to increase the diagnostic coverage.
Depending on the application specifics such as the available time and processing capabilities, the sensor
behaviour is monitored and compared with the specified behaviour of the device.
3.5.2.1
Vector length check differential voltage mode
A comprehensive safety check is to monitor the vector length of Vx and Vy signals. Output signals representing
sine and cosine have a fixed 90° phase relationship to each other. To determine if the output signals are valid, the
length of the output vector length must be nearly constant independent of the magnet position.
The vector length corresponds to the amplitude of the output signals and utilizes the fact that there is a 90° phase
shift between sine and cosine output. It is calculated according to Equation (26).
As illustrated in Figure 14 “Valid vector length”, the vector describes a circle along one revolution of the magnet.
The length of the vector is almost constant, slightly influenced by GMR synchronicity, orthogonality, offset and
temperature.
(26)
Figure 14
Valid vector length
2
_
2
_
DIFF
Y
DIFF
X
VEC
V
V
V
+
=
VX (COS)
VY (SIN)
VVEC
VX
VY


Similar Part No. - TLE5009-E1010

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE5009-E1010 INFINEON-TLE5009-E1010 Datasheet
1Mb / 32P
   GMR-Based Angular Sensor
Rev. 1.1, 2012-04
More results

Similar Description - TLE5009-E1010

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20414EVKIT MAXIM-MAX20414EVKIT Datasheet
107Kb / 1P
   3V to 5.5V Operating Supply Voltage
MAX20419EVKIT MAXIM-MAX20419EVKIT Datasheet
120Kb / 1P
   3.0V to 5.5V Operating Supply Voltage
MAX20416EVKIT MAXIM-MAX20416EVKIT Datasheet
107Kb / 1P
   3.0V to 5.5V Operating Supply Voltage
MAX20014EVKIT MAXIM-MAX20014EVKIT Datasheet
106Kb / 1P
   3.0V to 5.5V Operating Supply Voltage
MAX3160EEVKIT MAXIM-MAX3160EEVKIT Datasheet
160Kb / 7P
   3V to 5.5V Single-Supply Operation
2007
MAX3161EEVKIT MAXIM-MAX3161EEVKIT Datasheet
145Kb / 7P
   3V to 5.5V Single-Supply Operation
Rev 0; 4/07
MAX22506EEVKIT MAXIM-MAX22506EEVKIT Datasheet
478Kb / 7P
   Operates From a Single 3V to 5.5V Supply
Rev 0; 2/21
MAX20317EVKIT MAXIM-MAX20317EVKIT Datasheet
637Kb / 7P
   3V to 5.5V Operating Voltage Range Audio Jack for Accessory Plug In
Rev 0; 3/17
MAX20334EVKIT MAXIM-MAX20334EVKIT Datasheet
598Kb / 9P
   2.7V to 5.5V Operating Voltage Range
Rev 0; 4/19
MAX20313EVKIT MAXIM-MAX20313EVKIT Datasheet
797Kb / 7P
   2.5V to 5.5V Operating Voltage Range
Rev 0; 12/16
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com