Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTV312M64 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # MTV312M64
Description  8051 Embedded Monitor Controller Flash Type with ISP
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTV312M64 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MTV312M64 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV312M64 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV312M64 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV312M64 Datasheet HTML 10Page - List of Unclassifed Manufacturers MTV312M64 Datasheet HTML 11Page - List of Unclassifed Manufacturers MTV312M64 Datasheet HTML 12Page - List of Unclassifed Manufacturers MTV312M64 Datasheet HTML 13Page - List of Unclassifed Manufacturers MTV312M64 Datasheet HTML 14Page - List of Unclassifed Manufacturers MTV312M64 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
MYSON
TECHNOLOGY
MTV312M64
(Rev 0.95)
Revision 0.95
- 11 -
2001/07/03
6.2.1 H-Freq Table
Output Value (14 bits)
H-Freq(KHZ)
12MHz OSC (hex / dec)
1
31.5
0FDEh / 4062
2
37.5
0D54h / 3412
3
43.3
0B8Bh / 2955
4
46.9
0AA8h / 2728
5
53.7
094Fh / 2383
6
60.0
0854h / 2132
7
68.7
0746h / 1862
8
75.0
06AAh / 1706
9
80.0
063Fh / 1599
10
85.9
05D1h / 1489
11
93.8
0554h / 1364
12
106.3
04B3h / 1203
6.2.2 V-Freq Table
Output value (12bits)
V-Freq(Hz)
12MHz OSC (hex / dec)
1
56
45Ch / 1116
2
60
411h / 1041
3
70
37Ch /
892
4
72
364h /
868
5
75
341h /
833
6
85
2DFh /
735
6.3 H/V Present Check
The Hpresent function checks the input HSYNC pulse, Hpre flag is set when HSYNC is over 10KHz or
cleared when HSYNC is under 10Hz. The Vpresent function checks the input VSYNC pulse, the Vpre flag is
set when VSYNC is over 40Hz or cleared when VSYNC is under 10Hz. The HPRchg interrupt is set when
the Hpre value changes. The VPRchg interrupt is set when the Vpre/CVpre value change.
6.4 H/V Polarity Detect
The polarity functions detect the input HSYNC/VSYNC high and low pulse duty cycle. If the high pulse
duration is longer than that of the low pulse, the negative polarity is asserted; otherwise, positive polarity is
asserted. The HPLchg interrupt is set when the Hpol value changes. The VPLchg interrupt is set when the
Vpol value changes.
6.5 Output HBLANK/VBLANK Control and Polarity Adjust
The HBLANK is the mux output of HSYNC, composite Hpulse and self-test horizontal pattern. The VBLANK
is the mux output of VSYNC, CVSYNC and self-test vertical pattern. The mux selection and output polarity
are S/W controllable. The VBLANK output is cut off when VSYNC frequency is over 250Hz. The
HBLANK/VBLANK shares the output pin with P4.1/ P4.0.
6.6 Self Test Pattern Generator
For testing purposes, this generator can generate 4 display patterns, which are positive cross-hatch,
negative cross-hatch, full white, and full black (shown as figures below). The HBLANK output frequency of
the pattern can be chosen to 95.2KHz, 63.5KHz, 47.6KHz and 31.75KHz. The VBLANK output frequency of
the pattern is 72Hz or 60Hz. It is originally designed to support monitor manufacturer to do burn-in test, or
offer end-user a reference to check the monitor. The output STOUT of the generator shares the output pin
with P4.2.


Similar Part No. - MTV312M64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MS64 ETC1-MTV312MS64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MV64 ETC1-MTV312MV64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
More results

Similar Description - MTV312M64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212M32 ETC1-MTV212M32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
MTV230M64 ETC1-MTV230M64 Datasheet
404Kb / 31P
   8051 Embedded Micro Controller with Flash OSD and ISP
MTV230M ETC1-MTV230M Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
MTV212M64 ETC2-MTV212M64 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212A32 ETC-MTV212A32 Datasheet
167Kb / 23P
   8051 Embedded Monitor Controller Mask ROM Type
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com