Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXA2500EL Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MXA2500EL
Description  Ultra Low Noise, Offset Drift 1 g Dual Axis Accelerometer with Analog Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MXA2500EL Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  MXA2500EL Datasheet HTML 1Page - List of Unclassifed Manufacturers MXA2500EL Datasheet HTML 2Page - List of Unclassifed Manufacturers MXA2500EL Datasheet HTML 3Page - List of Unclassifed Manufacturers MXA2500EL Datasheet HTML 4Page - List of Unclassifed Manufacturers MXA2500EL Datasheet HTML 5Page - List of Unclassifed Manufacturers MXA2500EL Datasheet HTML 6Page - List of Unclassifed Manufacturers MXA2500EL Datasheet HTML 7Page - List of Unclassifed Manufacturers MXA2500EL Datasheet HTML 8Page - List of Unclassifed Manufacturers MXA2500EL Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
29/7/2003
A
OUTX
R
C
A
OUTY
R
C
A
OUTX
Filtered
Output
A
OUTY
Filtered
Output
Figure 3: High Pass Filter
Low Pass Filter: An external low pass filter is useful in
low frequency applications such as tilt or inclination. The
low pass filter limits the noise floor and improves the
resolution of the accelerometer. The low pass filter shown
in Figure 4 has a –3dB breakpoint given by the equation:
RC
f
π
2
1
=
. For the 200 Hz ratiometric output device
filter, C=0.1
µF and R=8kΩ, ±5%, 1/8W.
MEMSIC MXA2500E Rev C
Page 6 of 9
A
OUTX
R
C
A
OUTY
R
C
A
OUTX
Filtered
Output
A
OUTY
Filtered
Output
Figure 4: Low Pass Filter
USING THE ACCELEROMETER IN VERY LOW
POWER APPLICATIONS (BATTERY OPERATION)
In applications with power limitations, power cycling can
be used to extend the battery operating life. One important
consideration when power cycling is that the accelerometer
turn on time limits the frequency bandwidth of the
accelerations to be measured. For example, operating at 3V
the turn on time is 40mS. To double the operating time, a
particular application may cycle power ON for 40mS, then
OFF for 40mS, resulting in a measurement period of 80mS,
or a frequency of 12.5Hz. With a frequency of
measurements of 12.5Hz, accelerations changes as high as
6.25Hz can be detected.
Power cycling can be used effectively in many inclinometry
applications, where inclination changes can be slow and
infrequent.
COMPENSATION FOR EXTENDING THE
FREQUENCY RESPONSE
The response of the thermal accelerometer is a function of
the internal gas physical properties, the natural convection
mechanism and the sensor electronics. Since the gas
properties of MEMSIC's mass produced accelerometer are
uniform, a simple circuit can be used to equally compensate
all sensors. For most applications, the compensating circuit
does not require adjustment for individual units.
A simple compensating network comprising two
operational amplifiers and a few resistors and capacitors
provides increasing gain with increasing frequency (see
Figure 5). The circuit shown is for an absolute output
accelerometer operating at 5 V supply. It provides a DC
gain of X2, so the offset at the output is 2.5V and the
sensitivity is doubled. The 14.3 K
Ω and the 5.9KΩ
resistors along with the non-polarized 0.82
µF capacitors
tune the gain of the network to compensate for the output
attenuation at the higher frequencies. The resistors and the
capacitors provide noise reduction and stability.
Figure 5: Frequency Response Extension Circuit
The accelerometer response (bottom trace), the network
response (top trace) and the compensated response (middle
trace) are shown in Figure 6. The amplitude remains above
–3db beyond 100 Hz, and there is useable signal well
after this frequency.
8.06K
5.9K
160K
1.5uF
-
+
UA
0.01uF
8.06K
14.3K
5.9K
0.01uF
0.047uF
1.5uF
-
+
UB
0.047uF
14.3K
0.0022uF
Aout X or Y
Freq. Comp. Output


Similar Part No. - MXA2500EL

ManufacturerPart #DatasheetDescription
logo
MEMSIC Semiconductor (T...
MXA2500EL MEMSIC-MXA2500EL Datasheet
327Kb / 6P
   Ultra Low Noise, Offset Drift ?? g Dual Axis Accelerometer with Analog Outputs
v1.0
More results

Similar Description - MXA2500EL

ManufacturerPart #DatasheetDescription
logo
MEMSIC Semiconductor (T...
MXA2500E MEMSIC-MXA2500E Datasheet
327Kb / 6P
   Ultra Low Noise, Offset Drift ?? g Dual Axis Accelerometer with Analog Outputs
v1.0
MXD2020E MEMSIC-MXD2020E Datasheet
227Kb / 8P
   Ultra Low Noise, Low offset Drift 짹1 g Dual Axis Accelerometer with Digital Outputs
Rev H
logo
List of Unclassifed Man...
MXD2020EL ETC1-MXD2020EL Datasheet
583Kb / 8P
   Ultra Low Noise, Low offset Drift 1g, -1g Dual Axis Accelerometer with Digital Outputs
MXA2500U ETC1-MXA2500U Datasheet
321Kb / 8P
   Ultra Low Noise, 1g Dual Axis Accelerometer with Analog Outputs
logo
MEMSIC Semiconductor (T...
MXD2020U MEMSIC-MXD2020U Datasheet
183Kb / 8P
   Ultra Low Noise, 짹1 g Dual Axis Accelerometer with Digital Outputs
Rev.G
logo
List of Unclassifed Man...
MXR7311GL ETC1-MXR7311GL Datasheet
404Kb / 7P
   Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
MXR7210G ETC1-MXR7210G Datasheet
104Kb / 8P
   Low Cost, Low Noise 짹10 g Dual Axis Accelerometer with Ratiometric Analog Outputs
MXA6500G ETC1-MXA6500G Datasheet
84Kb / 6P
   Low Cost, Low Noise 짹1 g Dual Axis Accelerometer with Absolute Analog Outputs
MXR7202G ETC1-MXR7202G Datasheet
220Kb / 8P
   Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
logo
MEMSIC Semiconductor (T...
MXA2500G MEMSIC-MXA2500G Datasheet
560Kb / 7P
   Improved, Ultra Low Noise ??.7 g Dual Axis Accelerometer with Absolute Outputs
v1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com