Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YY8 Datasheet(PDF) 8 Page - Advanced Power Electronics Corp.

Part # YY8
Description  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

YY8 Datasheet(HTML) 8 Page - Advanced Power Electronics Corp.

Back Button YY8 Datasheet HTML 2Page - Advanced Power Electronics Corp. YY8 Datasheet HTML 3Page - Advanced Power Electronics Corp. YY8 Datasheet HTML 4Page - Advanced Power Electronics Corp. YY8 Datasheet HTML 5Page - Advanced Power Electronics Corp. YY8 Datasheet HTML 6Page - Advanced Power Electronics Corp. YY8 Datasheet HTML 7Page - Advanced Power Electronics Corp. YY8 Datasheet HTML 8Page - Advanced Power Electronics Corp. YY8 Datasheet HTML 9Page - Advanced Power Electronics Corp. YY8 Datasheet HTML 10Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AP3700Y
P-Channel
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
30
-30
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
8
Q
VG
-4.5V
QGS
QGD
QG
Charge
0
2
4
6
8
024
68
10
Q G , Total Gate Charge (nC)
I D = -3A
V DS = -15V
0
200
400
600
800
1000
1
5
9
1317
2125
2933
37
-V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0.01
0.1
1
10
100
0.01
0.1
1
10
100
-V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
DC
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja=210
oC/W
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
td(on) tr
td(off)tf
VDS
VGS
10%
90%
Operation in this
area limited by
RDS(ON)
.


Similar Description - YY8

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4503 JIANGSU-CJQ4503 Datasheet
5Mb / 6P
   N-and P-Channel Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTC3588N6 CYSTEKEC-MTC3588N6_16 Datasheet
856Kb / 12P
   N- And P-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4501GSD A-POWER-AP4501GSD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4511GD A-POWER-AP4511GD Datasheet
155Kb / 8P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4569GD A-POWER-AP4569GD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com