Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3B16224BE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3B16224BE
Description  3.3V, 12-Bit to 24-Bit DeMux/Mux NanoSwitch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B16224BE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3B16224BE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B16224BE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B16224BE Datasheet HTML 3Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
PS8181E
09/10/04
PI3B16224
3.3V, 12-Bit to 24-Bit
DeMux/Mux NanoSwitch
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Core
Logic
CPU
100 MHz
72
72
72 Bits
100 MHz
6 of 3B16224
(64 Bits Data,
8 Bits ECC)
72:144 Bus Switch
128M
DIMM
128M
DIMM
ApplicationCircuit
Memory Switching Application
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
Packaging Mechanical: 40-pin BQSOP (B)
X.XX
X.XX
DENOTES DIMENSION IN MILLIMETERS
ApplicationInformation
Logic Inputs
The logic control inpus can be driven up to +3.6V regardless of the
supply voltage. For example, given a +3.3V supply, IN may be driven
LOW to 0V and HIGH to 3.6V. Driving IN Rail-toRail minimizes
power consumption.
Power-Supply Sequencing and Hot Plug Information
Proper power-supply sequencing is advised for all CMOS devices.
It is recommended to always apply VCC and GND before applying
signals to the input/output or control pins.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd
OrderingInformation
Notes:
1. Thermal Characteristics can be found on the world wide web at: www.pericom.com/packaging/
Ordering Code
Package Code
Package Description
PI3B16224B
B
40-pin BQSOP
PI3B16224BE
B
Pb-free & Green, 40-pin BQSOP


Similar Part No. - PI3B16224BE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16224BE PERICOM-PI3B16224BE Datasheet
100Kb / 3P
   DeMux/Mux NanoSwitch
More results

Similar Description - PI3B16224BE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16226 PERICOM-PI3B16226 Datasheet
186Kb / 3P
   3.3V, Low Capacitance 12-Bit to 24-Bit Mux/DeMux NanoSwitch
PI3B33X257 PERICOM-PI3B33X257_04 Datasheet
379Kb / 4P
   3.3V, 24:12 Mux/DeMux NanoSwitch
PI3B16233AEX PERICOM-PI3B16233AEX Datasheet
345Kb / 5P
   3.3V, 16-Bit to 32-Bit FET Mux/DeMux NanoSwitch?
PI3B16248 PERICOM-PI3B16248 Datasheet
294Kb / 4P
   3.3V, 24-Bit to 48-BitMux/DeMux NanoSwitch
PI3C16226 PERICOM-PI3C16226 Datasheet
359Kb / 4P
   3.3V, High-Bandwidth, 12-Bit to 24-Bit Mux/Demux Bus Switch
PI3B4010 PERICOM-PI3B4010 Datasheet
219Kb / 6P
   3.3V, High-Bandwidth, 40:10-Bit DDR Mux/Demux NanoSwitch
PI3B3251 PERICOM-PI3B3251_09 Datasheet
342Kb / 5P
   3.3V, 8:1 Mux/DeMux NanoSwitch
PI3B16224 PERICOM-PI3B16224 Datasheet
100Kb / 3P
   DeMux/Mux NanoSwitch
PI3B3253 PERICOM-PI3B3253 Datasheet
354Kb / 5P
   Mux/DeMux NanoSwitch?
PI3B33X257 PERICOM-PI3B33X257 Datasheet
217Kb / 3P
   3.3V, 24:12 Mux/Demux BusSwitch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com