Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3Z22V10IBD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P3Z22V10IBD
Description  3V zero power, TotalCMOS, universal PLD device
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P3Z22V10IBD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P3Z22V10IBD Datasheet HTML 3Page - NXP Semiconductors P3Z22V10IBD Datasheet HTML 4Page - NXP Semiconductors P3Z22V10IBD Datasheet HTML 5Page - NXP Semiconductors P3Z22V10IBD Datasheet HTML 6Page - NXP Semiconductors P3Z22V10IBD Datasheet HTML 7Page - NXP Semiconductors P3Z22V10IBD Datasheet HTML 8Page - NXP Semiconductors P3Z22V10IBD Datasheet HTML 9Page - NXP Semiconductors P3Z22V10IBD Datasheet HTML 10Page - NXP Semiconductors P3Z22V10IBD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Philips Semiconductors
Product specification
P3Z22V10
3V zero power, TotalCMOS
™, universal PLD device
1997 Jul 18
7
Program/Erase Cycles
The P3Z22V10 is 100% testable, erases/programs in seconds, and
guarantees 1000 program/erase cycles.
Output Polarity
Each macrocell can be configured to implement Active-High or
Active-Low logic. Programmable polarity eliminates the need for
external inverters.
Output Enable
The output of each I/O macrocell can be enabled or disabled under
the control of its associated programmable output enable product
term. When the logical conditions programmed on the output enable
term are satisfied, the output signal is propagated to the I/O pin.
Otherwise, the output buffer is driven into the high-impedance state.
Under the control of the output enable term, the I/O pin can function
as a dedicated input, a dedicated output, or a bi-directional I/O.
Opening every connection on the output enable term will
permanently enable the output buffer and yield a dedicated output.
Conversely, if every connection is intact, the enable term will always
be logically FALSE and the I/O will function as a dedicated input.
Register Feedback Select
When the I/O macrocell is configured to implement a registered
function (S1 = 0) (Figures 3a or 3b), the feedback signal to the AND
array is taken from the Q output.
Bi-directional I/O Select
When configuring an I/O macrocell to implement a combinatorial
function (S1 = 1) (Figures 3c or 3d), the feedback signal is taken
from the I/O pin. In this case, the pin can be used as a dedicated
input, a dedicated output, or a bi-directional I/O.
Power-On Reset
To ease system initialization, all flip-flops will power-up to a reset
condition and the Q output will be low. The actual output of the
P3Z22V10 will depend on the programmed output polarity. The VCC
rise must be monotonic.
Design Security
The P3Z22V10 provides a special EEPROM security bit that
prevents unauthorized reading or copying of designs programmed
into the device. The security bit is set by the PLD programmer,
either at the conclusion of the programming cycle or as a separate
step, after the device has been programmed. Once the security bit is
set, it is impossible to verify (read) or program the P3Z22V10 until
the entire device has first been erased with the bulk-erase function.
TotalCMOS
™ Design Technique
for Fast Zero Power
Philips is the first to offer a TotalCMOS
™ SPLD, both in process
technology and design technique. Philips employs a cascade of
CMOS gates to implement its Sum of Products instead of the
traditional sense amp approach. This CMOS gate implementation
allows Philips to offer SPLDs which are both high performance and low
power, breaking the paradigm that to have low power, you must accept
low performance. Refer to Figure 4 and Table 1 showing the IDD vs.
Frequency of our P3Z22V10 TotalCMOS
™ SPLD.
0
5
10
15
20
25
30
0
10
20
30
40
50
60
70
80
90
100
110
120
130
TYPICAL
IDD
(mA)
FREQUENCY (MHz)
SP00443
1
Figure 4.
Typical IDD vs. Frequency @ VDD = 3.3V, 25°C (10-bit counter)
Table 1. Typical IDD vs. Frequency
VDD = 3.3V@25°C
FREQ (MHz)
1
10
20
30
40
50
60
70
80
90
100
110
120
130
Typical IDD (mA)
0.2
1.5
3.0
4.5
6.0
7.4
8.9
10.4
11.8
13.2
14.5
15.8
17.0
18.2


Similar Part No. - P3Z22V10IBD

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
P3Z7AAT800W POWEREX-P3Z7AAT800W Datasheet
130Kb / 6P
   Phase Control Modules (345-800 Amperes/400-3000 Volts)
P3Z7ABT700W POWEREX-P3Z7ABT700W Datasheet
130Kb / 6P
   Phase Control Modules (345-800 Amperes/400-3000 Volts)
P3Z7ABT800W POWEREX-P3Z7ABT800W Datasheet
130Kb / 6P
   Phase Control Modules (345-800 Amperes/400-3000 Volts)
P3Z7ACT700W POWEREX-P3Z7ACT700W Datasheet
130Kb / 6P
   Phase Control Modules (345-800 Amperes/400-3000 Volts)
P3Z7ACT800W POWEREX-P3Z7ACT800W Datasheet
130Kb / 6P
   Phase Control Modules (345-800 Amperes/400-3000 Volts)
More results

Similar Description - P3Z22V10IBD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LVT22V10 PHILIPS-LVT22V10 Datasheet
185Kb / 20P
   3V high speed, universal PLD device
1998 Feb 10
logo
Lattice Semiconductor
GAL16V8Z LATTICE-GAL16V8Z Datasheet
289Kb / 19P
   Zero Power E2CMOS PLD
GAL20V8Z LATTICE-GAL20V8Z Datasheet
307Kb / 19P
   Zero Power E2CMOS PLD
logo
NXP Semiconductors
ABT22V10A5 PHILIPS-ABT22V10A5 Datasheet
302Kb / 18P
   5V high-speed universal PLD device with live insertion capability
1999 Oct 27
logo
Lattice Semiconductor
GAL16LV8ZD LATTICE-GAL16LV8ZD Datasheet
270Kb / 18P
   Low Voltage, Zero Power E2CMOS PLD Generic Array Logic
GAL20LV8ZD LATTICE-GAL20LV8ZD Datasheet
284Kb / 18P
   Low Voltage, Zero Power E2CMOS PLD Generic Array Logic
logo
Semtech Corporation
UR8HC007-0A4 SEMTECH-UR8HC007-0A4 Datasheet
426Kb / 20P
   Zero-PowerTM Input Device and Power Management IC
UR8HC007-004 SEMTECH-UR8HC007-004 Datasheet
152Kb / 20P
   Zero-PowerTM Input Device and Power Management IC
logo
Lattice Semiconductor
PALCE22V10 LATTICE-PALCE22V10 Datasheet
691Kb / 34P
   24-Pin EE CMOS (Zero Power) Versatile PAL Device
PALCE16V8 LATTICE-PALCE16V8 Datasheet
634Kb / 32P
   EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com