Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M9392A Datasheet(PDF) 11 Page - Keysight Technologies

Part # M9392A
Description  M9362AD01
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9392A Datasheet(HTML) 11 Page - Keysight Technologies

Back Button M9392A Datasheet HTML 4Page - Keysight Technologies M9392A Datasheet HTML 5Page - Keysight Technologies M9392A Datasheet HTML 6Page - Keysight Technologies M9392A Datasheet HTML 7Page - Keysight Technologies M9392A Datasheet HTML 8Page - Keysight Technologies M9392A Datasheet HTML 9Page - Keysight Technologies M9392A Datasheet HTML 10Page - Keysight Technologies M9392A Datasheet HTML 11Page - Keysight Technologies M9392A Datasheet HTML 12Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Mechanical Information
Dimensions are in mm nominal, unless otherwise specified.
128.70
174.79
165.49
6.761 ± 0.325
(Connector portrusion)
125.60
40.30
32.83
26.00
7.47
3.00
28.50
45.50
11 | Keysight | Programmable Step Attenuator Module M9168C DC to 26.5 GHz, M9168E DC to 50 GHz – Data Sheet


Similar Part No. - M9392A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9392A KEYSIGHT-M9392A Datasheet
2Mb / 10P
   M9155/6/7C PXI Hybrid Switch Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com