Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4302DS Datasheet(PDF) 5 Page - Peregrine Semiconductor Corp.

Part # PE4302DS
Description  50 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHZ
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4302DS Datasheet(HTML) 5 Page - Peregrine Semiconductor Corp.

  PE4302DS Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4302DS Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4302DS Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4302DS Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4302DS Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4302DS Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4302DS Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4302DS Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4302DS Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Product Specification
PE4302
Page 5 of 11
Document No. 70/0056~02D
│ www.psemi.com
©2005 Peregrine Semiconductor Corp. All rights reserved.
Table 2. Pin Descriptions
Table 3. Absolute Maximum Ratings
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS™ device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the rate specified in Table 3.
Exposed Solder Pad Connection
The exposed solder pad on the bottom of the
package must be grounded for proper device
operation.
Table 4. DC Electrical Specifications
Note 1: Both RF ports must be held at 0 VDC or DC blocked with an
external series capacitor.
2: Latch Enable (LE) has an internal 100 kΩ resistor to VDD.
3: Connect pin 12 to GND to enable internal negative voltage
generator. Connect pin 12 to VSS (-VDD) to bypass and
disable internal negative voltage generator.
4. Place a 10 kΩ resistor in series, as close to pin as possible
to avoid frequency resonance.
Figure 14. Pin Configuration (Top View)
1
15
14
13
12
11
2
3
4
5
C16
RF1
Data
Clock
LE
GND
Vss/GND
P/S
RF2
C8
20-lead QFN
4x4mm
Exposed Solder Pad
Pin
No.
Pin
Name
Description
1
C16
Attenuation control bit, 16dB (Note 4).
2
RF1
RF port (Note 1).
3
Data
Serial interface data input (Note 4).
4
Clock
Serial interface clock input.
5
LE
Latch Enable input (Note 2).
6
VDD
Power supply pin.
7
PUP1
Power-up selection bit, MSB.
8
PUP2
Power-up selection bit, LSB.
9
VDD
Power supply pin.
10
GND
Ground connection.
11
GND
Ground connection.
12
Vss/GND
Negative supply voltage or GND
connection(Note 3)
13
P/S
Parallel/Serial mode select.
14
RF2
RF port (Note 1).
15
C8
Attenuation control bit, 8 dB.
16
C4
Attenuation control bit, 4 dB.
17
C2
Attenuation control bit, 2 dB.
18
GND
Ground connection.
19
C1
Attenuation control bit, 1 dB.
20
C0.5
Attenuation control bit, 0.5 dB.
Paddle
GND
Ground for proper operation
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Power supply voltage
-0.3
4.0
V
VI
Voltage on any input
-0.3
VDD+
0.3
V
TST
Storage temperature range
-65
150
°C
TOP
Operating temperature
range
-40
85
°C
P
IN
Input power (50
Ω)
24
dBm
VESD
ESD voltage (Human Body
Model)
500
V
Parameter
Min
Typ
Max
Units
VDD Power Supply
Voltage
2.7
3.0
3.3
V
IDD Power Supply
Current
100
µA
Digital Input High
0.7xVDD
V
Digital Input Low
0.3xVDD
V
Digital Input Leakage
1
µA
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Switching Frequency
The PE4302 has a maximum 25kHz switching
rate.
Resistor on Pin 1 & 3
A 10 k
Ω resistor on the inputs to Pin 1 & 3 (see
Figure 16) will eliminate package resonance
between the RF input pin and the two digital
inputs. Specified attenuation error versus
frequency performance is dependent upon this
condition.


Similar Part No. - PE4302DS

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4302 PEREGRINE-PE4302 Datasheet
470Kb / 11P
   50 -RF Digital Attenuator 6-bit, 31.5 dB, DC - 4.0 GHz
logo
Peregrine Semiconductor
PE4302 PSEMI-PE4302 Datasheet
472Kb / 11P
   RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4302 PEREGRINE-PE4302 Datasheet
472Kb / 11P
   50 廓 RF Digital Attenuator
logo
Pasternack Enterprises,...
PE4302 PASTERNACK-PE4302 Datasheet
410Kb / 3P
   TNC Male Connector Crimp/Crimp Attachment
logo
Peregrine Semiconductor
PE4302 PSEMI-PE4302_14 Datasheet
1Mb / 10P
   50 廓 RF Digital Attenuator
More results

Similar Description - PE4302DS

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4309 PEREGRINE-PE4309 Datasheet
576Kb / 6P
   50 OHM RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE4302 PEREGRINE-PE4302 Datasheet
470Kb / 11P
   50 -RF Digital Attenuator 6-bit, 31.5 dB, DC - 4.0 GHz
PE4309 PEREGRINE-PE4309_07 Datasheet
337Kb / 9P
   50 廓 RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
logo
Tyco Electronics
AT90-1107 MACOM-AT90-1107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
Peregrine Semiconductor...
PE4304 PEREGRINE-PE4304 Datasheet
543Kb / 11P
   75 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC - 2.0 GHz
logo
Tyco Electronics
AT90-0107 MACOM-AT90-0107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0009 MA-COM-MAATCC0009 Datasheet
188Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-0107 MA-COM-AT90-0107 Datasheet
187Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
Peregrine Semiconductor...
PE94302 PEREGRINE-PE94302_07 Datasheet
311Kb / 6P
   50 ohm RF Digital Step Attenuator For Rad-Hard Space Applications 6-bit, 31.5 dB, DC - 4.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0011 MA-COM-MAATCC0011 Datasheet
189Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com