Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4302DS Datasheet(PDF) 9 Page - Peregrine Semiconductor Corp.

Part # PE4302DS
Description  50 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHZ
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4302DS Datasheet(HTML) 9 Page - Peregrine Semiconductor Corp.

Back Button PE4302DS Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4302DS Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4302DS Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4302DS Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4302DS Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4302DS Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4302DS Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE4302DS Datasheet HTML 10Page - Peregrine Semiconductor Corp. PE4302DS Datasheet HTML 11Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Product Specification
PE4302
Page 9 of 11
Document No. 70/0056~02D
│ www.psemi.com
©2005 Peregrine Semiconductor Corp. All rights reserved.
Figure 19. Package Drawing
1.00
2.00
0.23
0.10
C A B
EXPOSED PAD
DETAIL A
16
15
11
5
1
6
20
10
2
1
DETAIL A
0.18
0.435
SEATING
PLANE
0.08 C
0.10 C
EXPOSED PAD &
TERMINAL PADS
- C -
2.00 X 2.00
2.00
4.00
- B -
- A -
INDEX AREA
0.25 C
1. Dimension applies to metallized terminal and is measured
between 0.25 and 0.30 from terminal tip.
2. Coplanarity applies to the exposed heat sink slug as well as
the terminals.
3. Dimensions are in millimeters.


Similar Part No. - PE4302DS

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4302 PEREGRINE-PE4302 Datasheet
470Kb / 11P
   50 -RF Digital Attenuator 6-bit, 31.5 dB, DC - 4.0 GHz
logo
Peregrine Semiconductor
PE4302 PSEMI-PE4302 Datasheet
472Kb / 11P
   RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4302 PEREGRINE-PE4302 Datasheet
472Kb / 11P
   50 廓 RF Digital Attenuator
logo
Pasternack Enterprises,...
PE4302 PASTERNACK-PE4302 Datasheet
410Kb / 3P
   TNC Male Connector Crimp/Crimp Attachment
logo
Peregrine Semiconductor
PE4302 PSEMI-PE4302_14 Datasheet
1Mb / 10P
   50 廓 RF Digital Attenuator
More results

Similar Description - PE4302DS

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4309 PEREGRINE-PE4309 Datasheet
576Kb / 6P
   50 OHM RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE4302 PEREGRINE-PE4302 Datasheet
470Kb / 11P
   50 -RF Digital Attenuator 6-bit, 31.5 dB, DC - 4.0 GHz
PE4309 PEREGRINE-PE4309_07 Datasheet
337Kb / 9P
   50 廓 RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
logo
Tyco Electronics
AT90-1107 MACOM-AT90-1107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
Peregrine Semiconductor...
PE4304 PEREGRINE-PE4304 Datasheet
543Kb / 11P
   75 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC - 2.0 GHz
logo
Tyco Electronics
AT90-0107 MACOM-AT90-0107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0009 MA-COM-MAATCC0009 Datasheet
188Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-0107 MA-COM-AT90-0107 Datasheet
187Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
Peregrine Semiconductor...
PE94302 PEREGRINE-PE94302_07 Datasheet
311Kb / 6P
   50 ohm RF Digital Step Attenuator For Rad-Hard Space Applications 6-bit, 31.5 dB, DC - 4.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0011 MA-COM-MAATCC0011 Datasheet
189Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com