Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB80515 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # SAB80515
Description  8-Bit Single-Chip Microcontroller Family
Download  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB80515 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button SAB80515 Datasheet HTML 6Page - Siemens Semiconductor Group SAB80515 Datasheet HTML 7Page - Siemens Semiconductor Group SAB80515 Datasheet HTML 8Page - Siemens Semiconductor Group SAB80515 Datasheet HTML 9Page - Siemens Semiconductor Group SAB80515 Datasheet HTML 10Page - Siemens Semiconductor Group SAB80515 Datasheet HTML 11Page - Siemens Semiconductor Group SAB80515 Datasheet HTML 12Page - Siemens Semiconductor Group SAB80515 Datasheet HTML 13Page - Siemens Semiconductor Group SAB80515 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 270 page
background image
Semiconductor Group
10
Fundamental Structure
2
Fundamental Structure
The SAB 80(C)515/80(C)535 is a totally 8051-compatible microcontroller while its peripheral
performance has been increased significantly.
Some of the various peripherals have been added to support the 8-bit core in case of stringent
embedded control requirements without loosing compatibility to the 8051 architecture.
Furthermore, the SAB 80(C)515/80(C)535 contains e. g. an additional 8-bit A/D converter, two
times as much ROM and RAM as the 80(C)51 and an additional timer with compare/capture/reload
facilities for all kinds of digital signal processing.
Figure 2.1 shows a block diagram of the SAB 80(C)515/80(C)535.
The SAB 80C515/80C535 combines the powerful architecture of the industry standard controller
SAB 80515/80535 with the advantages of the ACMOS technology (e. g. power-saving modes). The
differences between MYMOS and ACMOS components are explained in section 2.1.
Readers who are familiar with the SAB 8051 may concentrate on chapters 2.1, 6, 7 and 8 where
the differences between MYMOS and ACMOS components, the reset conditions, the peripherals
and the interrupt system are described.
For newcomers to the 8051 family of microcontrollers, the following section gives a general view of
the basic characteristics of the SAB 80515/80535. The details of operation are described later in
chapters 3 and 4.


Similar Part No. - SAB80515

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB80515 SIEMENS-SAB80515 Datasheet
1Mb / 38P
   High-Performance 8-Bit Single Chip Microcontroller
logo
OSRAM GmbH
SAB80515 OSRAM-SAB80515 Datasheet
146Kb / 7P
   Alphanumeric Programmable Display
logo
Siemens Semiconductor G...
SAB80515-N SIEMENS-SAB80515-N Datasheet
1Mb / 38P
   High-Performance 8-Bit Single Chip Microcontroller
SAB80515-N-40/85 SIEMENS-SAB80515-N-40/85 Datasheet
1Mb / 38P
   High-Performance 8-Bit Single Chip Microcontroller
More results

Similar Description - SAB80515

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB80C515A-5 SIEMENS-SAB80C515A-5 Datasheet
1Mb / 108P
   8-Bit CMOS Single-Chip Microcontroller Family
logo
Texas Instruments
TMS7000 TI-TMS7000 Datasheet
32Mb / 618P
[Old version datasheet]   8·Bit Microcontroller Family
1989
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com