Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFP50N06 Datasheet(PDF) 1 Page - SemiWell Semiconductor

Part # SFP50N06
Description  N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIWELL [SemiWell Semiconductor]
Direct Link  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

SFP50N06 Datasheet(HTML) 1 Page - SemiWell Semiconductor

  SFP50N06 Datasheet HTML 1Page - SemiWell Semiconductor SFP50N06 Datasheet HTML 2Page - SemiWell Semiconductor SFP50N06 Datasheet HTML 3Page - SemiWell Semiconductor SFP50N06 Datasheet HTML 4Page - SemiWell Semiconductor SFP50N06 Datasheet HTML 5Page - SemiWell Semiconductor SFP50N06 Datasheet HTML 6Page - SemiWell Semiconductor SFP50N06 Datasheet HTML 7Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VDSS
Drain to Source Voltage
60
V
ID
Continuous Drain Current(@TC = 25°C)
50
A
Continuous Drain Current(@TC = 100°C)
35.2
A
IDM
Drain Current Pulsed
(Note 1)
200
A
VGS
Gate to Source Voltage
±20
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
470
mJ
EAR
Repetitive Avalanche Energy
(Note 1)
13
mJ
IAR
Avalnche Current
(Note 1)
50
A
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
7V/ns
PD
Total Power Dissipation(@TC = 25 °C)
130
W
Derating Factor above 25 °C
0.87
W/°C
TSTG, TJ
Operating Junction Temperature & Storage Temperature
- 55 ~ 175
°C
TL
Maximum Lead Temperature for soldering purpose,
1/8 from Case for 5 seconds.
300
°C
Thermal Characteristics
Symbol
Parameter
Value
Units
Min.
Typ.
Max.
RθJC
Thermal Resistance, Junction-to-Case
-
-
1.15
°C/W
RθCS
Thermal Resistance, Case to Sink
-
0.5
-
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
-
-
62.5
°C/W
SFP50N06
December, 2002. Rev. 1.
1/7
Features
Low RDS(on) (0.023 Ω )@VGS=10V
Low Gate Charge (Typical 39nC)
Low Crss (Typical 110pF)
Improved dv/dt Capability
100% Avalanche Tested
Maximum Junction Temperature Range (175°C)
General Description
This Power MOSFET is produced using SemiWell’s advanced
planar stripe, DMOS technology. This latest technology has been
especially designed to minimize on-state resistance, have a low
gate charge with superior switching performance, and rugged
avalanche characteristics. This Power MOSFET is well suited
for synchronous DC-DC Converters and Power Management in
portable and battery operated products.
N-Channel MOSFET
SemiWell Semiconductor
Copyright@SemiWell Semiconductor Co., Ltd., All rights reserved.
Symbol
2. Drain
3. Source
1. Gate
TO-220
1 2
3


Similar Part No. - SFP50N06

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
SFP50N06 WINSEMI-SFP50N06 Datasheet
486Kb / 7P
   Silicon N-Channel MOSFET
logo
Thinki Semiconductor Co...
SFP50N06 THINKISEMI-SFP50N06 Datasheet
1Mb / 6P
   50A,60V Heatsink Planar N-Channel Power MOSFET
logo
VBsemi Electronics Co.,...
SFP50N06 VBSEMI-SFP50N06 Datasheet
979Kb / 7P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - SFP50N06

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com