Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5012B Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE5012B
Description  Giant Magneto Resistance (GMR)-based principle
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012B Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE5012B Datasheet HTML 19Page - Infineon Technologies AG TLE5012B Datasheet HTML 20Page - Infineon Technologies AG TLE5012B Datasheet HTML 21Page - Infineon Technologies AG TLE5012B Datasheet HTML 22Page - Infineon Technologies AG TLE5012B Datasheet HTML 23Page - Infineon Technologies AG TLE5012B Datasheet HTML 24Page - Infineon Technologies AG TLE5012B Datasheet HTML 25Page - Infineon Technologies AG TLE5012B Datasheet HTML 26Page - Infineon Technologies AG TLE5012B Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
TLE5012B
Specification
Data Sheet
23
Rev. 2.0, 2014-02
4.3.2
ESD Protection
4.3.3
GMR Parameters
All parameters apply over BXY = 30mT and TA = 25°C, unless otherwise specified.
Figure 4-2 Offset and amplitude definition
Table 4-7
ESD protection
Parameter
Symbol
Values
Unit
Notes
Min.
Max.
ESD voltage
VHBM
±4.0 kV
Human Body Model1)
1) Human Body Model (HBM) according to: AEC-Q100-002
VSDM
±0.5 kV
Socketed Device Model2)
2) Socketed Device Model (SDM) according to: ESDA/ANSI/ESD SP5.3.2-2008
Table 4-8
Basic GMR parameters
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
X, Y output range
RGADC
±23230 digits
Operating range1)
1) Not subject to production test - verified by design/characterization
X, Y amplitude2)
2) See Figure 4-2
AX, AY
6000
9500
15781 digits
At ambient temperature
3922
20620 digits
Operating range
X, Y synchronicity3)
3) k = 100*(AX/AY)
k
87.5
100
112.49 %
X, Y offset4)
4) OY=(YMAX + YMIN) / 2; OX = (XMAX + XMIN) / 2
OX, OY
-2048
0
+2047 digits
X, Y orthogonality error
ϕ
-11.25
0
+11.24 °
X, Y amplitude without magnet
X0, Y0
+4096 digits
Operating range1)
Angle
90°
180°
270°
360°
+A
Offset
VY
0
-A


Similar Part No. - TLE5012B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE5012B-E9000-MS2GO INFINEON-TLE5012B-E9000-MS2GO Datasheet
2Mb / 22P
   TLx5012B 2go Evaluation Kit
Rev. 1.0 2018-09-27
TLE5012BD INFINEON-TLE5012BD Datasheet
674Kb / 17P
   GMR-Based Dual Die Angle Sensor
Rev. 1.1, 2015-03-12
TLE5012BE1000 INFINEON-TLE5012BE1000 Datasheet
2Mb / 22P
   TLx5012B 2go Evaluation Kit
Rev. 1.0 2018-09-27
TLE5012BE3005 INFINEON-TLE5012BE3005 Datasheet
2Mb / 22P
   TLx5012B 2go Evaluation Kit
Rev. 1.0 2018-09-27
TLE5012BE5000 INFINEON-TLE5012BE5000 Datasheet
2Mb / 22P
   TLx5012B 2go Evaluation Kit
Rev. 1.0 2018-09-27
More results

Similar Description - TLE5012B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE5014 INFINEON-TLE5014 Datasheet
1Mb / 45P
   Giant Magneto Resistance (GMR)-based principle
Rev. 1.0 2018-04-04
TLE5014D INFINEON-TLE5014D Datasheet
438Kb / 13P
   Giant Magneto Resistance (GMR)-based principle
Rev. 1.0 2018-04-04
GMRS6 INFINEON-GMRS6 Datasheet
29Kb / 3P
   Giant Magneto Resistive Position Sensor
1999-04-01
GMRB6 INFINEON-GMRB6 Datasheet
40Kb / 4P
   Giant Magneto Resistive Position Sensor
2000-07-01
GMRS4 INFINEON-GMRS4 Datasheet
33Kb / 3P
   Giant Magneto Resistive Position Sensor
1999-04-01
logo
List of Unclassifed Man...
GMRC6 ETC-GMRC6 Datasheet
146Kb / 3P
   GIANT MAGNETO RESISTIVE POSITION POSITION SENSOR
logo
Sony Corporation
DM-111A SONY-DM-111A Datasheet
140Kb / 7P
   Magneto-Resistance Element
logo
Infineon Technologies A...
TLE5014SP16E0001 INFINEON-TLE5014SP16E0001 Datasheet
892Kb / 29P
   GMR-based Angle Sensor
Rev. 1.1 2019-04-04
TLE5009-E2000 INFINEON-TLE5009-E2000 Datasheet
1Mb / 32P
   GMR-Based Angular Sensor
Rev. 1.1, 2012-04
TLI5012BE1000 INFINEON-TLI5012BE1000_15 Datasheet
2Mb / 37P
   GMR-Based Angle Sensor
Rev. 1.1, 2015-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com