Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M9393A-300 Datasheet(PDF) 5 Page - Keysight Technologies

Part # M9393A-300
Description  M9393A PXIe Performance Vector Signal Analyzer
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9393A-300 Datasheet(HTML) 5 Page - Keysight Technologies

  M9393A-300 Datasheet HTML 1Page - Keysight Technologies M9393A-300 Datasheet HTML 2Page - Keysight Technologies M9393A-300 Datasheet HTML 3Page - Keysight Technologies M9393A-300 Datasheet HTML 4Page - Keysight Technologies M9393A-300 Datasheet HTML 5Page - Keysight Technologies M9393A-300 Datasheet HTML 6Page - Keysight Technologies M9393A-300 Datasheet HTML 7Page - Keysight Technologies M9393A-300 Datasheet HTML 8Page - Keysight Technologies M9393A-300 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
05 | Keysight | M9393A PXIe Performance Vector Signal Analyzer – Data Sheet
Technical Specifications and Characteristics
Standard Configuration - Options F08, F14, F18, F27
Block diagram
Figure 2. Standard M9393A PXIe vector signal analyzer (9 kHz to 27 GHz) block diagram with four modules consisting of the M9308A
synthesizer, M9365A downconverter, M9214A digitizer and the optional M9300A frequency reference.
M9300A PXIe Frequency Reference
Ref In
100 MHz PLL
10 MHz OCXO
TIMEBASE
100 MHz
Out 1
100 MHz
Out 2
100 MHz
Out 3
100 MHz
Out 4
100 MHz
Out 5
100 MHz
10 MHz Out
10 MHz
OXCO Out
10 MHz
/10
Divide
by 10
(1 MHz to 110 MHz)
(+13 dBm sine
all 100 MHz Outs)
(10 MHz, +10 dBm
to 16 dBm, sine)
M9214A PXIe IF Digitizer
100 MHz In
IF In
(+10 dBm typical)
Clocks
Clock
Generator
Signal
Conditioning
ADC
&
Signal
Conditioning
RAM
FPGA
Signal
Processing
ASIC
300 MHz
BPF
Filter
Bank
PLL
M9308A PXIe Synthesizer
100 MHz
Out
100 MHz In
RF Out
4800 MHz Out
RF In
(+13 dBm
Typical)
(9 kHz to
27 GHz)
3 dB
2.85 GHz to 9 GHz
Divide by
2/4/8/16
Filter
Bank
X48
1st LO In
M9365A PXIe Downconverter
100 MHz In
2nd LO In
IF Out
RF In
RF Input
Aux 1 Out
Aux 2 Out
Aux 1 In
100 MHz Out
Highband Path (3.1 GHz to 27 GHz)
Fc
5.1 GHz
3.8 GHz to
17.4 GHz
13.5 GHz to 27 GHz
3.1 GHz to 13.5 GHz
Lowband Path (< 3.6 GHz)
IF Conditioning
/ Filtering
LO Conditioning
and Doubler
RF Calibrator
Aux 2 In
Reserved for
future functionality
To maximize the M9300A’s 100 MHz outputs, especially for multi-channel configurations, an SMB T-type adapter
(not shown) can be used to split the signal between the M9214A 100 MHz In and the M9308A 100 MHz In. For more
information, please refer to the M9393A startup guide, literature number M9393-90002.


Similar Part No. - M9393A-300

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer
M9393A KEYSIGHT-M9393A Datasheet
337Kb / 3P
   PXI Switchable-Input Programmable Step Attenuator Module,DC to 50 GHz
M9393A KEYSIGHT-M9393A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
More results

Similar Description - M9393A-300

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
M9391A KEYSIGHT-M9391A_17 Datasheet
1Mb / 30P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
logo
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
   Vector Signal Analyzer
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   PXIe Vector Signal Generator
M9381A KEYSIGHT-M9381A_17 Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com