Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANTXV1N979C-1 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # JANTXV1N979C-1
Description  Silicon 500 mW Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTXV1N979C-1 Datasheet(HTML) 3 Page - Microsemi Corporation

  JANTXV1N979C-1 Datasheet HTML 1Page - Microsemi Corporation JANTXV1N979C-1 Datasheet HTML 2Page - Microsemi Corporation JANTXV1N979C-1 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Silicon 500 mW Zener Diodes
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3
Copyright
 2003
10-31-2003 REV B
SCOTTSD A L E DIVISION
1N957B, -1 thru 1N992B, -1 DO-35
GRAPHS
Voltage Temperature
Coefficient %/
oC
mV Change /ºC
TL – LEAD TEMPERATURE (
oC) 3/8” FROM BODY or
NOMINAL ZENER VOLTAGE (VOLTS)
TA on FR4 PC BOARD
FIGURE 1
FIGURE 2
POWER DERATING CURVE
ZENER VOLTAGE TEMPERATURE
COEFFICIENT vs. ZENER VOLTAGE
PACKAGE DIMENSIONS
All dimensions in: INCH
mm
FIGURE 3
CAPACITANCE vs. ZENER VOLTAGE
(TYPICAL)


Similar Part No. - JANTXV1N979C-1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTXV1N979B-1 MICROSEMI-JANTXV1N979B-1 Datasheet
135Kb / 2P
   METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION
More results

Similar Description - JANTXV1N979C-1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N957B-1 MICROSEMI-1N957B-1 Datasheet
92Kb / 2P
   SILICON 500 mW ZENER DIODES
1N5221-1 MICROSEMI-1N5221-1 Datasheet
102Kb / 3P
   SILICON 500 mW ZENER DIODES
1N4370 MICROSEMI-1N4370 Datasheet
70Kb / 2P
   SILICON 500 mW ZENER DIODES
1N5221 MICROSEMI-1N5221 Datasheet
100Kb / 3P
   SILICON 500 mW ZENER DIODES
1N5985 MICROSEMI-1N5985 Datasheet
110Kb / 3P
   SILICON 500 mW ZENER DIODES
1N746 MICROSEMI-1N746 Datasheet
217Kb / 3P
   Silicon 500 mW Zener Diodes
1N957BUR-1 MICROSEMI-1N957BUR-1 Datasheet
503Kb / 6P
   Silicon MELF 500 mW Zener Diodes
Rev. 1
logo
Compensated Deuices Inc...
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
1N6309 CDI-DIODE-1N6309 Datasheet
111Kb / 2P
   500 mW ZENER DIODES
logo
New Jersey Semi-Conduct...
RD2.0E NJSEMI-RD2.0E Datasheet
346Kb / 5P
   500 mW PLANAR TYPE SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com