Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST16C654DIQ64 Datasheet(PDF) 9 Page - Exar Corporation

Part # ST16C654DIQ64
Description  QUAD UART WITH 64-BYTE FIFO AND INFRARED (IrDA) ENCODER/DECODER
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C654DIQ64 Datasheet(HTML) 9 Page - Exar Corporation

Back Button ST16C654DIQ64 Datasheet HTML 5Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 6Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 7Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 8Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 9Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 10Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 11Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 12Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
ST16C654/654D
5-73
Rev. 4.10
SYMBOL DESCRIPTION
Symbol
Pin
Signal
Pin Description
68
100
64
type
functions for Read or Write strobes. A logic 1 to 0 transition
transfers the contents of the CPU data bus (D0-D7) to the
register selected by -CS and A0-A4. Similarly a logic 0 to 1
transition places the contents of a 654 register selected by
-CS and A0-A4 on the data bus, D0-D7, for transfer to an
external CPU.
-RXRDY
38
44
-
O
Receive Ready (active low) - This function is associated
with 68 and 100 pin packages only. -RXRDY contains the
wire “OR-ed” status of all four receive channel FIFOs,
RXRDY A-D. A logic 0 indicates receive data ready status,
i.e. the RHR is full or the FIFO has one or more RX
characters available for unloading. This pin goes to a logic
1 when the FIFO/RHR is full or when there are no more
characters available in either the FIFO or RHR. The 100 pin
chip-sets provide both the combined wire “or’ed” output and
individual channel RXRDY-A-D outputs. RXRDY A-D is
discussed in a following paragraph. For 64/68 pin packages,
individual channel RX status is read by examining indi-
vidual internal registers via -CS and A0-A4 pin functions.
-RXRDY A-B
-
100,31
-RXRDY C-D
-
50,82
-
O
Receive Ready A-D (active low) - This function is associ-
ated with 100 pin packages only. This function provides the
RX FIFO/RHR status for individual receive channels (A-D).
A logic 0 indicates there is receive data to read/unload, i.e.,
receive ready status with one or more RX characters
available in the FIFO/RHR. This pin is a logic 1 when the
FIFO/RHR is empty or when the programmed trigger level
has not been reached.
-TXRDY
39
45
-
O
(active low) - This function is associated with 68 and 100 pin
packages only. -TXRDY contains the wire “OR-ed” status of
all four transmit channel FIFOs, TXRDY A-D. A logic 0
indicates a buffer ready status, i.e., at least one location is
empty and available in one of the TX channels (A-D). This
pin goes to a logic 1 when all four channels have no more
empty locations in the TX FIFO or THR. The 100 pin chip-
sets provide both the combined wire “or’ed” output and
individual channel TXRDY-A-D outputs. TXRDY A-D is


Similar Part No. - ST16C654DIQ64

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C654DIQ64 EXAR-ST16C654DIQ64 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
ST16C654DIQ64 EXAR-ST16C654DIQ64 Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results

Similar Description - ST16C654DIQ64

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C654 PHILIPS-SC16C654 Datasheet
647Kb / 52P
   Quad UART with 64-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-19 June 2003
SC16C554 PHILIPS-SC16C554 Datasheet
276Kb / 55P
   Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-10 May 2004
logo
Exar Corporation
ST16C580 EXAR-ST16C580_05 Datasheet
212Kb / 39P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
ST16C580 EXAR-ST16C580 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16C650A PHILIPS-SC16C650A Datasheet
642Kb / 50P
   Universal Asynchronous Receiver/Transmitter (UART) with 32-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-20 June 2003
SC16C550 PHILIPS-SC16C550 Datasheet
639Kb / 52P
   Universal Asynchronous Receiver/Transmitter (UART) with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-19 June 2003
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C754B TI-TL16C754B Datasheet
466Kb / 37P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com