Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TK2350 Datasheet(HTML) 1 Page - Tripath Technology Inc.

Part No. TK2350
Description  STEREO 300W (4 OHM ) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPATH [Tripath Technology Inc.]
Homepage  http://www.etelos.com/
Logo 

TK2350 Datasheet(HTML) 1 Page - Tripath Technology Inc.

  TK2350 Datasheet HTML 1Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 36 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
1 of 1
TK2350, Rev 1.5/09.03
TK2350
STEREO 300W (4Ω) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER
USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
Technical Information
Rev i sion 1.5 – September 2003
GENERAL DESCRIPTION
The TK2350 (TC2001/TP2350B chipset) is a two-channel, 300W (4
Ω) per channel Amplifier Driver that uses
Tripath’s proprietary Digital Power Processing (DPP
TM) technology. Class-T amplifiers offer both the audio
fidelity of Class-AB and the power efficiency of Class-D amplifiers.
Applications
Audio/Video Amplifiers & Receivers
Pro-audio Amplifiers
Automobile Power Amplifiers
Subwoofer Amplifiers
Benefits
Reduced system cost with smaller/less
expensive power supply and heat sink
Signal fidelity equal to high quality Class-AB
amplifiers
High dynamic range compatible with digital
media such as CD and DVD
Features
Class-T architecture
Pin compatible with Tripath TK2150
Proprietary Digital Power Processing technology
“Audiophile” Sound Quality
0.02% THD+N @ 50W, 8
0.03% IHF-IM @ 30W, 8
High Efficiency
95% @ 150W @ 8
90% @ 275W @ 4
Supports wide range of output power levels
Up to 300W/channel (4
Ω), single-ended
outputs
Up to 1000W (4
Ω), bridged outputs
Output over-current protection
Over- and under-voltage protection
Over-temperature protection
Typical Performance for TK2350
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
1
500
2
5
10
20
50
100
200
54V
Output Power (W)
39V
45V
THD+N versus Output Power versus Supply Voltage
R
L = 4Ω
f = 1kHz
BBM = 80nS
BW = 22Hz - 22kHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TA3020Stereo 300W 4Ω Class-T Digital Audio Amplifier Driver using Digital Power ProcessingTM Technology 1 2 3 4 5 MoreTripath Technology Inc.
TDA2125ASTEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY 1 Tripath Technology Inc.
TDA2075ASTEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.
TDA2500STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPP TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.
TA0103AStereo 250W 4Ω Class-T Digital Audio Amplifier Driver using Digital Power Processing DPPTM Technology 1 2 3 4 5 MoreTripath Technology Inc.
TA0104ASTEREO 500W 4Ω CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPPTM TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.
TA2021BSTEREO 25W 4OHM CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPP TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.
TA0105ASTEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPPTM TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.
TK2150STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.
TK2070STEREO 70W 4Ohm CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPP TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn