Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TK2350 Datasheet(HTML) 3 Page - Tripath Technology Inc.

Part No. TK2350
Description  STEREO 300W (4 OHM ) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPATH [Tripath Technology Inc.]
Homepage  http://www.etelos.com/
Logo 

TK2350 Datasheet(HTML) 3 Page - Tripath Technology Inc.

  TK2350 Datasheet HTML 3Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 36 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
3 of 3
TK2350, Rev 1.5/09.03
Operating Conditions TP2350B (Note 7)
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
VPP, VNN
Supply Voltage
+/- 15
+/-45
+/- 65
V
VN10
Voltage for FET drive (Volts above VNN)
9
10
12
V
Note 7: Recommended Operating Conditions indicate conditions for which the device is functional.
See Electrical Characteristics for guaranteed specific performance limits.
Operating Characteristics TC2001 (Note 8)
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
I5
Supply Current
50
mA
fsw
Switching Frequency
650
kHz
VIN
Input Sensitivity
0
1.5
V
VOUTHI
High Output Voltage
V5-0.5
V
VOUTLO
Low Output Voltage
100
mV
RIN
Input Impedance
2
kΩ
Input DC Bias
2.4
V
Note 8: Recommended Operating Conditions indicate conditions for which the device is functional.
See Electrical Characteristics for guaranteed specific performance limits.
Thermal Characteristics TC2001
SYMBOL
PARAMETER
Value
UNITS
θJA
Junction-to-ambient Thermal Resistance (still air)
80
°
C/W
Thermal Characteristics TP2350B
SYMBOL
PARAMETER
Value
UNITS
θJC
Junction-to-case Thermal Resistance (Note 9)
3
°
C/W
Note 9: Recommended Operating Conditions indicate conditions for which the device is functional.
See Electrical Characteristics for guaranteed specific performance limits.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TA3020Stereo 300W 4Ω Class-T Digital Audio Amplifier Driver using Digital Power ProcessingTM Technology 1 2 3 4 5 MoreTripath Technology Inc.
TDA2125ASTEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY 1 Tripath Technology Inc.
TDA2075ASTEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.
TDA2500STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPP TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.
TA0103AStereo 250W 4Ω Class-T Digital Audio Amplifier Driver using Digital Power Processing DPPTM Technology 1 2 3 4 5 MoreTripath Technology Inc.
TA0104ASTEREO 500W 4Ω CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPPTM TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.
TA2021BSTEREO 25W 4OHM CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPP TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.
TA0105ASTEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPPTM TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.
TK2150STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.
TK2070STEREO 70W 4Ohm CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPP TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn