Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U63716DC70 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # U63716DC70
Description  CAPSTORE 2K X 8 NVSRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

U63716DC70 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button U63716DC70 Datasheet HTML 3Page - List of Unclassifed Manufacturers U63716DC70 Datasheet HTML 4Page - List of Unclassifed Manufacturers U63716DC70 Datasheet HTML 5Page - List of Unclassifed Manufacturers U63716DC70 Datasheet HTML 6Page - List of Unclassifed Manufacturers U63716DC70 Datasheet HTML 7Page - List of Unclassifed Manufacturers U63716DC70 Datasheet HTML 8Page - List of Unclassifed Manufacturers U63716DC70 Datasheet HTML 9Page - List of Unclassifed Manufacturers U63716DC70 Datasheet HTML 10Page - List of Unclassifed Manufacturers U63716DC70 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
April 7, 2005
U63716
Nonvolatile Memory Operations
Mode Selection
E
W
A10 - A0
(hex)
Mode
I/O
Power
Notes
H
X
X
Not Selected
Output High Z
Standby
L
H
X
Read SRAM
Output Data
Active
m
L
L
X
Write SRAM
Input Data
Active
LH
000
555
2AA
7FF
0F0
70F
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile STORE
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
k, l
k, l
k, l
k, l
k, l
k, l
LH
000
555
2AA
7FF
0F0
70E
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile RECALL
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
k, l
k, l
k, l
k, l
k, l
k, l
k: The six consecutive addresses must be in order listed. W must be high during all six consecutive cycles. See STORE cycle and RECALL
cycle tables and diagrams for further details.
The following six-address sequence is used for testing purposes and should not be used: 000, 555, 2AA, 7FF, 0F0, 39C.
l:
Activation of nonvolatile cycles does not depend on the state of G.
m: I/O state assumes that G
≤ VIL.
No.
PowerStore
Power Up RECALL
Symbol
Conditions
Min.
Max.
Unit
Alt.
IEC
24 Power Up RECALL Durationn
tRESTORE
650
µs
25 STORE Cycle Durationf, e
tPDSTORE
10
ms
26 Time allowed to Complete SRAM Cyclef
tDELAY
1
µs
Low Voltage Trigger Level
VSWITCH
4.0
4.5
V
n:
tRESTORE starts from the time VCC rises above VSWITCH.


Similar Part No. - U63716DC70

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U63716DC70 SIMTEK-U63716DC70 Datasheet
135Kb / 14P
   CapStore 2K x 8 nvSRAM
U63716DC70G1 SIMTEK-U63716DC70G1 Datasheet
135Kb / 14P
   CapStore 2K x 8 nvSRAM
More results

Similar Description - U63716DC70

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U63716 SIMTEK-U63716 Datasheet
135Kb / 14P
   CapStore 2K x 8 nvSRAM
U637256 SIMTEK-U637256 Datasheet
253Kb / 14P
   CapStore 32K x 8 nvSRAM
U637H256 SIMTEK-U637H256 Datasheet
257Kb / 14P
   CapStore 32K x 8 nvSRAM
U63764 SIMTEK-U63764 Datasheet
136Kb / 14P
   CapStore 8K x 8 nvSRAM
logo
List of Unclassifed Man...
U63764 ETC1-U63764 Datasheet
136Kb / 14P
   CapStore 8K x 8 nvSRAM
U637256 ETC1-U637256 Datasheet
146Kb / 14P
   CapStore 32K x 8 nvSRAM
U637H256 ETC1-U637H256 Datasheet
148Kb / 14P
   CapStore 32K x 8 nvSRAM
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com