Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U630H16D1K35 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # U630H16D1K35
Description  HARDSTORE 2K X 8 NVSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

U630H16D1K35 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  U630H16D1K35 Datasheet HTML 1Page - List of Unclassifed Manufacturers U630H16D1K35 Datasheet HTML 2Page - List of Unclassifed Manufacturers U630H16D1K35 Datasheet HTML 3Page - List of Unclassifed Manufacturers U630H16D1K35 Datasheet HTML 4Page - List of Unclassifed Manufacturers U630H16D1K35 Datasheet HTML 5Page - List of Unclassifed Manufacturers U630H16D1K35 Datasheet HTML 6Page - List of Unclassifed Manufacturers U630H16D1K35 Datasheet HTML 7Page - List of Unclassifed Manufacturers U630H16D1K35 Datasheet HTML 8Page - List of Unclassifed Manufacturers U630H16D1K35 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
April 7, 2005
U630H16
Read Cycle 1: Ai-controlled (during Read cycle: E = G = VIL, W = NE = VIH)f
ta(A)
Output Data Valid
tcR
Address Valid
tv(A)
Ai
DQi
Output
Read Cycle 2: G-, E-controlled (during Read cycle: W = NE = VIH)g
Ai
E
G
DQi
Output
tdis(E)
tcR
ta(E)
ten(E)
ten(G)
ta(G)
tdis(G)
Address Valid
High Impedance
ICC
ACTIVE
STANDBY
tPD
tPU
No. Switching Characteristics
Write Cycle
Symbol
25
35
45
Unit
Alt. #1 Alt. #2
IEC
Min. Max. Min. Max. Min. Max.
12 Write Cycle Time
tAVAV
tAVAV
tcW
25
35
45
ns
13 Write Pulse Width
tWLWH
tw(W)
20
30
35
ns
14 Write Pulse Width Setup Time
tWLEH
tsu(W)
20
30
35
ns
15 Address Setup Time
tAVWL
tAVEL
tsu(A)
00
0ns
16 Address Valid to End of Write
tAVWH
tAVEH tsu(A-WH) 20
30
35
ns
17 Chip Enable Setup Time
tELWH
tsu(E)
20
30
35
ns
18 Chip Enable to End of Write
tELEH
tw(E)
20
30
35
ns
19 Data Setup Time to End of Write
tDVWH
tDVEH
tsu(D)
12
18
20
ns
20 Data Hold Time after End of Write
tWHDX
tEHDX
th(D)
00
0ns
21 Address Hold after End of Write
tWHAX
tEHAX
th(A)
00
0ns
22 W LOW to Output in High-Zh, i
tWLQZ
tdis(W)
10
13
15
ns
23 W HIGH to Output in Low-Z
tWHQX
ten(W)
55
5ns
(1)
(2)
(9)
(1)
(3)
(4)
(5)
(7)
(6)
(8)
(10)
(11)
ta(A) (2)
Previous Data Valid
Output Data Valid


Similar Part No. - U630H16D1K35

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U630H16D1K35 SIMTEK-U630H16D1K35 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
U630H16D1K35G1 SIMTEK-U630H16D1K35G1 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
More results

Similar Description - U630H16D1K35

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
U630H16P SIMTEK-U630H16P Datasheet
178Kb / 17P
   HardStore 2K x 8 nvSRAM
U630H16PA35 SIMTEK-U630H16PA35 Datasheet
324Kb / 15P
   HardStore 2K x 8 nvSRAM
U630H16XS SIMTEK-U630H16XS Datasheet
243Kb / 16P
   HardStore 2K x 8 nvSRAM Die
logo
List of Unclassifed Man...
U630H64 ETC1-U630H64 Datasheet
210Kb / 14P
   HardStore 8K x 8 nvSRAM
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U63716 ETC-U63716 Datasheet
206Kb / 13P
   CAPSTORE 2K X 8 NVSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com