Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W65C02S6PL-14 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # W65C02S6PL-14
Description  Microprocessor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

W65C02S6PL-14 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button W65C02S6PL-14 Datasheet HTML 7Page - List of Unclassifed Manufacturers W65C02S6PL-14 Datasheet HTML 8Page - List of Unclassifed Manufacturers W65C02S6PL-14 Datasheet HTML 9Page - List of Unclassifed Manufacturers W65C02S6PL-14 Datasheet HTML 10Page - List of Unclassifed Manufacturers W65C02S6PL-14 Datasheet HTML 11Page - List of Unclassifed Manufacturers W65C02S6PL-14 Datasheet HTML 12Page - List of Unclassifed Manufacturers W65C02S6PL-14 Datasheet HTML 13Page - List of Unclassifed Manufacturers W65C02S6PL-14 Datasheet HTML 14Page - List of Unclassifed Manufacturers W65C02S6PL-14 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
The Western Design Center, Inc.
W65C02S Data Sheet
The Western Design Center, Inc.
W65C02S Data Sheet
11
3.11 Reset (RESB)
The Reset (RESB) input is used to initialize the microprocessor and start program execution. The RESB signal must
be held low for at least two clock cycles after VDD reaches operating voltage. Ready (RDY) has no effect while
RESB is being held low. All Registers are initialized by software except the Decimal and Interrupt disable mode
select bits of the Processor Status Register (P) are initialized by hardware. When a positive edge is detected, there
will be a reset sequence lasting seven clock cycles. The program counter is loaded with the reset vector from
locations FFFC (low byte) and FFFD (high byte). This is the start location for program control. RESB should be
held high after reset for normal operation.
Processor Status Register (P)
7
6
5
4
3
2
1
0
*
*
1
1
0
1
*
*
N
V
B
D
I
Z
C
*=software initialized
3.12 Set Overflow (SOB)
A negative transition on the Set Overflow (SOB) pin sets the overflow bit (V) in the status code register. The signal is
sampled on the rising edge of PHI2. SOB was originally intended for fast input recognition because it can be tested
with a branch instruction; however, it is not recommended in new system design and was seldom used in the past.
3.13 SYNChronize with OpCode fetch (SYNC)
The OpCode fetch cycle of the microprocessor instruction is indicated with SYNC high. The SYNC output is
provided to identify those cycles during which the microprocessor is fetching an OpCode. The SYNC line goes high
during the clock cycle of an OpCode fetch and stays high for the entire cycle. If the RDY line is pulled low during
the clock cycle in which SYNC went high, the processor will stop in its current state and will remain in the state
until the RDY line goes high. In this manner, the SYNC signal can be used to control RDY to cause single
instruction execution.
3.14 Power (VDD) and Ground (VSS)
VDD is the positive power supply voltage and VSS is system logic ground.
3.15 Vector Pull (VPB)
The Vector Pull (VPB) output indicates that a vector location is being addressed during an interrupt sequence. VPB
is low during the last interrupt sequence cycles, during which time the processor reads the interrupt vector. The
VPB signal may be used to select and prioritize interrupts from several sources by modifying the vector addresses.


Similar Part No. - W65C02S6PL-14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W65C21S ETC1-W65C21S Datasheet
508Kb / 16P
   Peripheral Interface Adapter (PIA)
W65C21S6TPLG-14 ETC1-W65C21S6TPLG-14 Datasheet
508Kb / 16P
   Peripheral Interface Adapter (PIA)
W65C22S ETC-W65C22S Datasheet
592Kb / 46P
   Versatile Interface Adapter (VIA)
W65C22S6TPG-14 ETC-W65C22S6TPG-14 Datasheet
592Kb / 46P
   Versatile Interface Adapter (VIA)
W65C22S6TPLG-14 ETC-W65C22S6TPLG-14 Datasheet
592Kb / 46P
   Versatile Interface Adapter (VIA)
More results

Similar Description - W65C02S6PL-14

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z380 ZILOG-Z380 Datasheet
630Kb / 115P
   MICROPROCESSOR
logo
List of Unclassifed Man...
W65C816S ETC-W65C816S Datasheet
1Mb / 62P
   Microprocessor
logo
LSI Computer Systems
LR4102 LSI-LR4102 Datasheet
328Kb / 32P
   Microprocessor
logo
Texas Instruments
AM1808 TI1-AM1808_14 Datasheet
1Mb / 265P
[Old version datasheet]   Microprocessor
logo
Analog Devices
AD667 AD-AD667_17 Datasheet
600Kb / 6P
   MICROPROCESSOR
logo
Intel Corporation
21285 INTEL-21285 Datasheet
962Kb / 159P
   Microprocessor
logo
Freescale Semiconductor...
MCF54455 FREESCALE-MCF54455 Datasheet
930Kb / 46P
   Microprocessor
logo
Texas Instruments
AM1707 TI1-AM1707_14 Datasheet
1Mb / 201P
[Old version datasheet]   Microprocessor
logo
Toshiba Semiconductor
TMPZ84C015BF-10 TOSHIBA-TMPZ84C015BF-10 Datasheet
7Mb / 185P
   MICROPROCESSOR
logo
Freescale Semiconductor...
MC7457RX1267LC FREESCALE-MC7457RX1267LC Datasheet
808Kb / 71P
   Microprocessor
logo
Intel Corporation
INTEL386SX INTEL-INTEL386SX Datasheet
1Mb / 102P
   MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com