Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W65C02S8Q-14 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # W65C02S8Q-14
Description  Microprocessor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

W65C02S8Q-14 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button W65C02S8Q-14 Datasheet HTML 6Page - List of Unclassifed Manufacturers W65C02S8Q-14 Datasheet HTML 7Page - List of Unclassifed Manufacturers W65C02S8Q-14 Datasheet HTML 8Page - List of Unclassifed Manufacturers W65C02S8Q-14 Datasheet HTML 9Page - List of Unclassifed Manufacturers W65C02S8Q-14 Datasheet HTML 10Page - List of Unclassifed Manufacturers W65C02S8Q-14 Datasheet HTML 11Page - List of Unclassifed Manufacturers W65C02S8Q-14 Datasheet HTML 12Page - List of Unclassifed Manufacturers W65C02S8Q-14 Datasheet HTML 13Page - List of Unclassifed Manufacturers W65C02S8Q-14 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
The Western Design Center, Inc.
W65C02S Data Sheet
The Western Design Center, Inc.
W65C02S Data Sheet
10
3.7
No Connect (NC)
The No Connect (NC) pins are not connected internally and should not be connected externally.
3.8
Phase 2 In (PHI2), Phase 2 Out (PHI2O) and Phase 1 Out (PHI1O)
Phase 2 In (PHI2) is the system clock input to the microprocessor internal clock. During the low power Standby
Mode, PHI2 can be held in either high or low state to preserve the contents of internal registers since the
microprocessor is a fully static design. The Phase 2 Out (PHI2O) signal is generated from PHI2. Phase 1 Out
(PHI1O) is the inverted PHI2 signal. An external oscillator is recommended for driving PHI2 and used for the main
system clock. All production test timing is based on PHI2. PHI2O and PHI1O were used in older systems for
system timing and internal oscillators when an external crystal was used.
3.9
Read/Write (RWB)
The Read/Write (RWB) output signal is used to control data transfer. When in the high state, the microprocessor is
reading data from memory or I/O. When in the low state, the Data Bus contains valid data to be written from the
microprocessor and stored at the addressed memory or I/O location. The RWB signal is set to the high impedance
state when Bus Enable (BE) is low.
3.10 Ready (RDY)
A low input logic level on the Ready (RDY) will halt the microprocessor in its current state. Returning RDY to the
high state allows the microprocessor to continue operation following the next PHI2 negative transition. This bi-
directional signal allows the user to single -cycle the microprocessor on all cycles including write cycles. A negative
transition to the low state prior to the falling edge of PHI2 will halt the microprocessor with the output address lines
reflecting the current address being fetched. This assumes the processor setup time is met. This condition will
remain through a subsequent PHI2 in which the ready signal is low. This feature allows microprocessor interfacing
with low-speed memory as well as direct memory access (DMA). The WAI instruction pulls RDY low signaling the
WAit-for-Interrupt condition, thus RDY is a bi-directional pin. On the W65C02 hard core there is a WAIT output
signal that can be used in ASIC's thus removing the bi-directional signal and RDY becomes only the input. In such
a situation the WAI instruction will pull WAIT low and must be used external of the core to pull RDY low or the
processor will continue as if the WAI never happened.
The microprocessor will be released when RDY is high and
a falling edge of PHI2 occurs. This again assumes the processor control setup time is met. The RDY pin has an
active pull-up, when outputting a low level, the pull-up is disabled. The RDY pin can still be wire ORed.


Similar Part No. - W65C02S8Q-14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W65C21S ETC1-W65C21S Datasheet
508Kb / 16P
   Peripheral Interface Adapter (PIA)
W65C21S6TPLG-14 ETC1-W65C21S6TPLG-14 Datasheet
508Kb / 16P
   Peripheral Interface Adapter (PIA)
W65C22S ETC-W65C22S Datasheet
592Kb / 46P
   Versatile Interface Adapter (VIA)
W65C22S6TPG-14 ETC-W65C22S6TPG-14 Datasheet
592Kb / 46P
   Versatile Interface Adapter (VIA)
W65C22S6TPLG-14 ETC-W65C22S6TPLG-14 Datasheet
592Kb / 46P
   Versatile Interface Adapter (VIA)
More results

Similar Description - W65C02S8Q-14

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z380 ZILOG-Z380 Datasheet
630Kb / 115P
   MICROPROCESSOR
logo
List of Unclassifed Man...
W65C816S ETC-W65C816S Datasheet
1Mb / 62P
   Microprocessor
logo
LSI Computer Systems
LR4102 LSI-LR4102 Datasheet
328Kb / 32P
   Microprocessor
logo
Texas Instruments
AM1808 TI1-AM1808_14 Datasheet
1Mb / 265P
[Old version datasheet]   Microprocessor
logo
Analog Devices
AD667 AD-AD667_17 Datasheet
600Kb / 6P
   MICROPROCESSOR
logo
Intel Corporation
21285 INTEL-21285 Datasheet
962Kb / 159P
   Microprocessor
logo
Freescale Semiconductor...
MCF54455 FREESCALE-MCF54455 Datasheet
930Kb / 46P
   Microprocessor
logo
Texas Instruments
AM1707 TI1-AM1707_14 Datasheet
1Mb / 201P
[Old version datasheet]   Microprocessor
logo
Toshiba Semiconductor
TMPZ84C015BF-10 TOSHIBA-TMPZ84C015BF-10 Datasheet
7Mb / 185P
   MICROPROCESSOR
logo
Freescale Semiconductor...
MC7457RX1267LC FREESCALE-MC7457RX1267LC Datasheet
808Kb / 71P
   Microprocessor
logo
Intel Corporation
INTEL386SX INTEL-INTEL386SX Datasheet
1Mb / 102P
   MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com