Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC05FGM Datasheet(PDF) 6 Page - NEC

Part # AC05FGM
Description  5 A MOLD TRIAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

AC05FGM Datasheet(HTML) 6 Page - NEC

  AC05FGM Datasheet HTML 1Page - NEC AC05FGM Datasheet HTML 2Page - NEC AC05FGM Datasheet HTML 3Page - NEC AC05FGM Datasheet HTML 4Page - NEC AC05FGM Datasheet HTML 5Page - NEC AC05FGM Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image


Similar Part No. - AC05FGM

ManufacturerPart #DatasheetDescription
logo
NEC
AC05FJM NEC-AC05FJM Datasheet
346Kb / 6P
   5 A MOLD TRIAC
logo
Renesas Technology Corp
AC05FJM RENESAS-AC05FJM Datasheet
473Kb / 8P
   5 A MOLD TRIAC
1988
logo
NEC
AC05FJM-Z NEC-AC05FJM-Z Datasheet
346Kb / 6P
   5 A MOLD TRIAC
logo
Renesas Technology Corp
AC05FJM-Z RENESAS-AC05FJM-Z Datasheet
473Kb / 8P
   5 A MOLD TRIAC
1988
logo
NEC
AC05FSMA NEC-AC05FSMA Datasheet
223Kb / 6P
   5 A RESIN INSULATION TYPE TRIAC
More results

Similar Description - AC05FGM

ManufacturerPart #DatasheetDescription
logo
NEC
AC05FJM NEC-AC05FJM Datasheet
346Kb / 6P
   5 A MOLD TRIAC
logo
Renesas Technology Corp
AC05DJM RENESAS-AC05DJM Datasheet
473Kb / 8P
   5 A MOLD TRIAC
1988
AC05DSMA RENESAS-AC05DSMA Datasheet
421Kb / 8P
   5 A RESIN MOLD TYPE TRIAC
April 1st, 2010
logo
NEC
AC0V8DGM NEC-AC0V8DGM Datasheet
1Mb / 6P
   0.8 A MOLD TRIAC
AC03DJM NEC-AC03DJM Datasheet
303Kb / 6P
   3 A MOLD TRIAC
logo
Renesas Technology Corp
AC03DGM RENESAS-AC03DGM Datasheet
373Kb / 8P
   3 A MOLD TRIAC
April 1st, 2010
logo
NEC
AC03DSM NEC-AC03DSM Datasheet
876Kb / 6P
   3 A MOLD ISOLATED TRIAC
AC01DJM NEC-AC01DJM Datasheet
410Kb / 6P
   1 A POWER MINI MOLD TRIAC
logo
Renesas Technology Corp
AC12DSMA RENESAS-AC12DSMA Datasheet
413Kb / 8P
   12 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC10DSMA RENESAS-AC10DSMA Datasheet
404Kb / 8P
   10 A RESIN MOLD TYPE TRIAC
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com