Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2520SGC03 Datasheet(PDF) 2 Page - Kingbright Corporation

Part # AM2520SGC03
Description  SUBMINIATURE SOLID STATE LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AM2520SGC03 Datasheet(HTML) 2 Page - Kingbright Corporation

  AM2520SGC03 Datasheet HTML 1Page - Kingbright Corporation AM2520SGC03 Datasheet HTML 2Page - Kingbright Corporation AM2520SGC03 Datasheet HTML 3Page - Kingbright Corporation AM2520SGC03 Datasheet HTML 4Page - Kingbright Corporation AM2520SGC03 Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: CDA0448
REV NO: V.1
DATE: OCT/27/2001
PAGE: 2 OF 5
APPROVED:J.LU
CHECKED:
DRAWN:M.F.CAI
Electrical / Optical Characteristics at TA=25
°°°°°C
Absolute Maximum Ratings at TA=25
°°°°°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Selection Guide
Note:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pd
e
R
y
c
n
e
i
c
i
f
f
E
h
g
i
Hd
e
R
y
c
n
e
i
c
i
f
f
E
h
g
i
H
d
e
R
y
c
n
e
i
c
i
f
f
E
h
g
i
H
d
e
R
y
c
n
e
i
c
i
f
f
E
h
g
i
Hd
e
R
y
c
n
e
i
c
i
f
f
E
h
g
i
Hn
e
e
r
G
t
h
g
i
r
B
r
e
p
u
Sn
e
e
r
G
t
h
g
i
r
B
r
e
p
u
S
n
e
e
r
G
t
h
g
i
r
B
r
e
p
u
S
n
e
e
r
G
t
h
g
i
r
B
r
e
p
u
Sn
e
e
r
G
t
h
g
i
r
B
r
e
p
u
Sw
o
l
l
e
Yw
o
l
l
e
Y
w
o
l
l
e
Y
w
o
l
l
e
Yw
o
l
l
e
Ys
t
i
n
Us
t
i
n
U
s
t
i
n
U
s
t
i
n
Us
t
i
n
U
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
P5
0
15
0
15
0
1W
m
t
n
e
r
r
u
C
d
r
a
w
r
o
F
C
D0
35
20
3A
m
]
1
[
t
n
e
r
r
u
C
d
r
a
w
r
o
F
k
a
e
P0
6
10
4
10
4
1A
m
e
g
a
t
l
o
V
e
s
r
e
v
e
R
555
V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
/
g
n
i
t
a
r
e
p
O
0
4
-
°
5
8
+
o
T
C
°C
l
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Sr
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pe
c
i
v
e
De
c
i
v
e
D
e
c
i
v
e
D
e
c
i
v
e
De
c
i
v
e
D.
p
y
T.
p
y
T
.
p
y
T
.
p
y
T.
p
y
T.
x
a
M.
x
a
M
.
x
a
M
.
x
a
M.
x
a
Ms
t
i
n
Us
t
i
n
U
s
t
i
n
U
s
t
i
n
Us
t
i
n
Us
n
o
i
t
i
d
n
o
C
t
s
e
Ts
n
o
i
t
i
d
n
o
C
t
s
e
T
s
n
o
i
t
i
d
n
o
C
t
s
e
T
s
n
o
i
t
i
d
n
o
C
t
s
e
Ts
n
o
i
t
i
d
n
o
C
t
s
e
T
λ
k
a
e
p
h
t
g
n
e
l
e
v
a
W
k
a
e
P
d
e
R
y
c
n
e
i
c
i
f
f
E
h
g
i
H
n
e
e
r
G
t
h
g
i
r
B
r
e
p
u
S
w
o
ll
e
Y
7
2
6
5
6
5
0
9
5
m
nA
m
0
2
=
F
I
λ D
h
t
g
n
e
l
e
v
a
W
e
t
a
n
i
m
o
D
d
e
R
y
c
n
e
i
c
i
f
f
E
h
g
i
H
n
e
e
r
G
t
h
g
i
r
B
r
e
p
u
S
w
o
ll
e
Y
5
2
6
8
6
5
8
8
5
m
nA
m
0
2
=
F
I
λ
2
/
1
h
t
d
i
w
f
l
a
H
e
n
i
L
l
a
r
t
c
e
p
S
d
e
R
y
c
n
e
i
c
i
f
f
E
h
g
i
H
n
e
e
r
G
t
h
g
i
r
B
r
e
p
u
S
w
o
ll
e
Y
5
4
0
3
5
3
m
nA
m
0
2
=
F
I
Ce
c
n
a
t
i
c
a
p
a
C
d
e
R
y
c
n
e
i
c
i
f
f
E
h
g
i
H
n
e
e
r
G
t
h
g
i
r
B
r
e
p
u
S
w
o
ll
e
Y
5
1
5
1
0
2
F
pz
H
M
1
=
f
;
V
0
=
F
V
V
F
e
g
a
t
l
o
V
d
r
a
w
r
o
F
d
e
R
y
c
n
e
i
c
i
f
f
E
h
g
i
H
n
e
e
r
G
t
h
g
i
r
B
r
e
p
u
S
w
o
ll
e
Y
0
.
2
2
.
2
1
.
2
5
.
2
5
.
2
5
.
2
VA
m
0
2
=
F
I
I
R
t
n
e
r
r
u
C
e
s
r
e
v
e
Rll
A0
1A
uV
5
=
R
V
.
o
N
t
r
a
P.
o
N
t
r
a
P
.
o
N
t
r
a
P
.
o
N
t
r
a
P.
o
N
t
r
a
Pe
c
i
De
c
i
D e
c
i
D e
c
i
De
c
i
De
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
e
p
y
T
s
n
e
L
e
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
)
d
c
m
(
v
I)
d
c
m
(
v
I
)
d
c
m
(
v
I
)
d
c
m
(
v
I)
d
c
m
(
v
I
A
m
0
2
@
g
n
i
w
e
i
Vg
n
i
w
e
i
V
g
n
i
w
e
i
V
g
n
i
w
e
i
Vg
n
i
w
e
i
V
e
l
g
n
A
.
n
i
M.
n
i
M .
n
i
M .
n
i
M.
n
i
M.
p
y
T.
p
y
T
.
p
y
T
.
p
y
T.
p
y
T
2
/
1
θ
22
/
1
θ
2 2
/
1
θ
2 2
/
1
θ
22
/
1
θ
2
3
0
D
I
0
2
5
2
M
A)
P
a
G
/
P
s
A
a
G
(
D
E
R
Y
C
N
E
I
C
I
F
F
E
H
G
I
HD
E
S
U
F
F
I
D
D
E
R8
0
0
4
3
0
C
E
0
2
5
2
M
A)
P
a
G
/
P
s
A
a
G
(
D
E
R
Y
C
N
E
I
C
I
F
F
E
H
G
I
HR
A
E
L
C
R
E
T
A
W2
10
0
2
3
0
D
G
S
0
2
5
2
M
A)
P
a
G
(
N
E
E
R
G
T
H
G
I
R
B
R
E
P
U
SD
E
S
U
F
F
I
D
N
E
E
R
G3
0
0
4
3
0
C
G
S
0
2
5
2
M
A)
P
a
G
(
N
E
E
R
G
T
H
G
I
R
B
R
E
P
U
SR
A
E
L
C
R
E
T
A
W0
40
0
0
2
3
0
D
Y
0
2
5
2
M
A)
P
a
G
/
P
s
A
a
G
(
W
O
L
L
E
YD
E
S
U
F
F
I
D
W
O
L
L
E
Y3
0
0
4
3
0
C
Y
0
2
5
2
M
A)
P
a
G
/
P
s
A
a
G
(
W
O
L
L
E
YR
A
E
L
C
R
E
T
A
W0
10
0
2


Similar Part No. - AM2520SGC03

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AM2520SGC03 KINGBRIGHT-AM2520SGC03 Datasheet
281Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
logo
HK TO-GRACE TECHNOLOGY ...
AM2520SGC03 TO-GRACE-AM2520SGC03 Datasheet
827Kb / 4P
   Subminiature Solid State Lamp
More results

Similar Description - AM2520SGC03

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AM2520SRD03 KINGBRIGHT-AM2520SRD03 Datasheet
80Kb / 4P
   SUBMINIATURE SOLID STATE LAMPS
AM2520EJ KINGBRIGHT-AM2520EJ Datasheet
127Kb / 4P
   SUBMINIATURE SOLID STATE LAMPS
AM2520SRC09 KINGBRIGHT-AM2520SRC09 Datasheet
76Kb / 4P
   SUBMINIATURE SOLID STATE LAMPS
AM2520EH KINGBRIGHT-AM2520EH Datasheet
127Kb / 4P
   SUBMINIATURE SOLID STATE LAMPS
logo
QT Optoelectronics
QTLP913-2 QT-QTLP913-2 Datasheet
144Kb / 3P
   SUBMINIATURE T-3/4 (1.9 mm) SOLID STATE LAMPS
logo
Fairchild Semiconductor
QTLP913 FAIRCHILD-QTLP913 Datasheet
203Kb / 4P
   SUBMINIATURE T-3/4 (1.9 mm) SOLID STATE LAMPS
logo
Kingbright Corporation
AM2520EF-4ID KINGBRIGHT-AM2520EF-4ID Datasheet
381Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
logo
Gilway Technical Lamp
GHB-GW20-R GILWAY-GHB-GW20-R Datasheet
142Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
logo
Kingbright Corporation
AM27SEC09 KINGBRIGHT-AM27SEC09 Datasheet
138Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM27SGC09 KINGBRIGHT-AM27SGC09 Datasheet
302Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com