Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM690 Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # ASM690
Description  UP Power Supply Supervisor With Battery Backup Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM690 Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  ASM690 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM690 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM690 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM690 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM690 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM690 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM690 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM690 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM690 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2 of 13
Notice: The information in this document is subject to change without notice
ASM690A / 692A
ASM802L / 802M
ASM805L
µP Power Supply Supervisor With Battery Backup Switch
rev 1.0
October 2003
Pin Configuration
1
2
3
4
5
6
7
8
VOUT
VCC
GND
PFI
VBATT
RESET (RESET)
WDI
PFO
Plastic/CerDip/SO
ASM690A
ASM692A
ASM802L
ASM802M
(ASM805L)
Pin Description
Pin Number
Name
Function
ASM690A /
ASM692A
ASM802L /
ASM802M
ASM805L
11
VOUT
Voltage supply for RAM. When VCC is above the reset threshold, VOUT connects to
VCC through a P-Channel MOS device. If VCC falls below the reset threshold, this
output will be connected to the backup supply at VBATT (or VCC, whichever is
higher) through the MOS switch to provide continuous power to the CMOS RAM.
22
VCC
+5V power supply input.
3
3
GND
Ground
44
PFI
Power failure monitor input. PFI is connected to the internal power fail comparator
which is referenced to 1.25V. The power fail output (PFO) is active LOW but
remains HIGH if PFI is above 1.25V. If this feature is unused, the PFI pin should be
connected to GND or VOUT.
55
PFO
Power-fail output. PFO is active LOW whenever the PFI pin is less than 1.25V.
66
WDI
Watchdog input. The WDI input monitors microprocessor activity. An internal timer
is reset with each transition of the WDI input. If the WDI is held HIGH or LOW for
longer than the watchdog timeout period, typically 1.6 seconds, RESET (or RESET)
is asserted for the reset pulse width time, tRS, of 140ms, minimum.
7
-
RESET
Active-LOW reset output. When triggered by VCC falling below the reset threshold
or by watchdog timer timeout, RESET (or RESET) pulses low for the reset pulse
width tRS, typically 200ms. It will remain low if VCC is below the reset threshold
(4.65V in ASM690A / ASM802L and 4.4V in the ASM692A / ASM802L) and
remains low for 200ms after VCC rises above the reset threshold.
-
7
RESET
Active-HIGH reset output. The inverse of RESET.
88
VBATT
Auxiliary power or backup-battery input. VBATT should be connected to GND if the
function is not used. The input has about 40mV of hysteresis to prevent rapid tog-
gling between VCC and VBATT.


Similar Part No. - ASM690

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM690A PULSECORE-ASM690A Datasheet
348Kb / 15P
   關P Power Supply Supervisor With Battery Backup Switch
logo
ON Semiconductor
ASM690A ONSEMI-ASM690A Datasheet
202Kb / 12P
   Power Supply Supervisor
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM690ACPA PULSECORE-ASM690ACPA Datasheet
348Kb / 15P
   關P Power Supply Supervisor With Battery Backup Switch
logo
ON Semiconductor
ASM690ACPA ONSEMI-ASM690ACPA Datasheet
202Kb / 12P
   Power Supply Supervisor
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM690ACPAF PULSECORE-ASM690ACPAF Datasheet
348Kb / 15P
   關P Power Supply Supervisor With Battery Backup Switch
More results

Similar Description - ASM690

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP690A IMP-IMP690A Datasheet
225Kb / 10P
   關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
logo
PulseCore Semiconductor
ASM690A PULSECORE-ASM690A Datasheet
348Kb / 15P
   關P Power Supply Supervisor With Battery Backup Switch
logo
TelCom Semiconductor, I...
TC70 TELCOM-TC70 Datasheet
89Kb / 7P
   MICROMASTER - SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR, WATCHDOG AND BATTERY BACKUP
logo
Texas Instruments
TPS3606-33 TI-TPS3606-33 Datasheet
388Kb / 18P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
logo
TECHNOLOGY ASSISTANCE B...
TDRSP-1URK-BBU-12-50 TAB-TDRSP-1URK-BBU-12-50 Datasheet
462Kb / 2P
   BATTERY BACK-UP POWER SUPPLY
logo
ON Semiconductor
ASM1834 ONSEMI-ASM1834 Datasheet
176Kb / 11P
   Power Supply Supervisor
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com