Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1601A Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP1601A
Description  1A Synchronous Step-down Converter with Forced CCM Mode
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1601A Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP1601A Datasheet HTML 2Page - Monolithic Power Systems MP1601A Datasheet HTML 3Page - Monolithic Power Systems MP1601A Datasheet HTML 4Page - Monolithic Power Systems MP1601A Datasheet HTML 5Page - Monolithic Power Systems MP1601A Datasheet HTML 6Page - Monolithic Power Systems MP1601A Datasheet HTML 7Page - Monolithic Power Systems MP1601A Datasheet HTML 8Page - Monolithic Power Systems MP1601A Datasheet HTML 9Page - Monolithic Power Systems MP1601A Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
MP1601A – 1A, SYNCHRONOUS, STEP-DOWN CONVERTER IN A SOT563
MP1601A Rev. 1.0
www.MonolithicPower.com
6
9/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.


Similar Part No. - MP1601A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1601 MPS-MP1601 Datasheet
694Kb / 20P
   1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP1601GTF MPS-MP1601GTF Datasheet
694Kb / 20P
   1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP1601GTF-12 MPS-MP1601GTF-12 Datasheet
694Kb / 20P
   1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP1601GTF-15 MPS-MP1601GTF-15 Datasheet
694Kb / 20P
   1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP1601GTF-18 MPS-MP1601GTF-18 Datasheet
694Kb / 20P
   1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
More results

Similar Description - MP1601A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP21148 MPS-MP21148 Datasheet
1Mb / 14P
   1A, Synchronous, Step-Down Converter with CCM
MPQ4420A-AEC1 MPS-MPQ4420A-AEC1 Datasheet
1Mb / 20P
   2A, 36V,Synchronous Step-Down Converter With PG and Ext. Sync with Forced CCM Mode, MPQ4420-AEC1 without Forced CCM Mode
MPQ4420H-AEC1 MPS-MPQ4420H-AEC1 Datasheet
1Mb / 20P
   Industrial Grade, 2A, 36V,Synchronous Step-Down Converter with PG and Ext. Sync without Forced CCM Mode, MPQ4420A-AEC1 with Forced CCM Mode
logo
MPS Industries, Inc.
MP2174C MPSIND-MP2174C Datasheet
990Kb / 16P
   2.7V-5.5V,4A, High-Efficiency,Synchronous Step-Down Converter with Forced CCM in 2×2mm QFN
Rev. 1.0 8/7/2019
logo
ACE Technology Co., LTD...
ACE7255E ACE-ACE7255E Datasheet
518Kb / 9P
   24V, 2A, Forced PWM Synchronous Step-Down Converter
VER 1.1
logo
Analog Microelectronics
AME5253 AME-AME5253 Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5250A AME-AME5250A Datasheet
409Kb / 22P
   1A, 1.5MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8057 RICHTEK-RT8057 Datasheet
224Kb / 11P
   2.25MHz 1A Synchronous Step-Down Converter
logo
Monolithic Power System...
EV2112DQ-00A MPS-EV2112DQ-00A Datasheet
162Kb / 4P
   1A, 1MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com