Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2110 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2110
Description  3A Synchronous Step-Down Converter with Programmable Input Current Limit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2110 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2110 Datasheet HTML 1Page - Monolithic Power Systems MP2110 Datasheet HTML 2Page - Monolithic Power Systems MP2110 Datasheet HTML 3Page - Monolithic Power Systems MP2110 Datasheet HTML 4Page - Monolithic Power Systems MP2110 Datasheet HTML 5Page - Monolithic Power Systems MP2110 Datasheet HTML 6Page - Monolithic Power Systems MP2110 Datasheet HTML 7Page - Monolithic Power Systems MP2110 Datasheet HTML 8Page - Monolithic Power Systems MP2110 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MP2110 – 3A SYNCHRONOUS BUCK CONVERTER WITH INPUT CURRENT LIMIT
MP2110 Rev. 1.11
www.MonolithicPower.com
5
9/26/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1, 2
PGND
Power Ground. PGND is internally connected to the source of the low-side N-channel
MOSFET.
3, 4
REGIN
Current limit switch output and buck regulator input. Usually this pin connects to a
large tantalum capacitor as energy reservoir.
5
ENREG
On/Off Control Input of Step-Down Regulator. Active high. Can not be floated.
6
RSET
Input Current Limit setting pin. A resistor from this pin to ground sets the input current
limit.
7
AGND
Analog Ground. Internally connects to the analog ground of control circuitry.
8
ENSYS
Current Limit Switch Enable Input. Active low. It has internal pull down resister.
9
FB
Feedback Input. Connect FB to the center point of the external resistor divider. The
feedback threshold voltage is 0.6V.
10
OUT
Sense pin for output voltage.
11
NTC
Thermistor Input. Connect a resistor from this pin to SYSIN pin and the thermistor
from this pin to ground. Connect to SYSIN to disable the thermal sense function.
12
SYSIN
Supply Voltage. SYSIN supplies power for internal current limit switch. MP2110
operates from a 3.3V to 5.4V continuous input voltage and 12V transient input
voltage.C1 is needed to prevent large voltage spikes at the input. Put C1as close to
the IC as possible.
13, 14
SW
Power Switch Output. Inductor connection to drains of the internal PFET and NFET
switches.
Exposed
Pad
The exposed pad and PGND pin must be connected to the same ground plane.


Similar Part No. - MP2110

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2112 MPS-MP2112 Datasheet
278Kb / 8P
   1MHz, 1A Synchronous Step-Down Converter
MP2112DQ MPS-MP2112DQ Datasheet
162Kb / 4P
   1A, 1MHz Synchronous Step-Down Converter
MP2112DQ MPS-MP2112DQ Datasheet
278Kb / 8P
   1MHz, 1A Synchronous Step-Down Converter
MP2113 MPS-MP2113 Datasheet
400Kb / 13P
   1.5A Synchronous Step-Down Converter with Dynamic Voltage Control
MP2113DD MPS-MP2113DD Datasheet
400Kb / 13P
   1.5A Synchronous Step-Down Converter with Dynamic Voltage Control
More results

Similar Description - MP2110

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2115 MPS-MP2115 Datasheet
461Kb / 11P
   2A Synchronous Step-Down Converter with Programmable Input Current Limit
logo
Skyworks Solutions Inc.
AAT1138 SKYWORKS-AAT1138 Datasheet
3Mb / 21P
   2A Step-Down Converter with Adjustable Input Current Limit
logo
MPS Industries, Inc.
MP8794 MPSIND-MP8794 Datasheet
1Mb / 22P
   16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
Rev. 1.0 12/2/2019
logo
Eutech Microelectronics...
EUP3426 EUTECH-EUP3426 Datasheet
129Kb / 1P
   3A, Synchronous Step-Down Converter
EUP3226 EUTECH-EUP3226 Datasheet
736Kb / 1P
   3A, Synchronous Step-Down Converter
logo
Monolithic Power System...
MP4570 MPS-MP4570 Datasheet
676Kb / 22P
   3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter
MP2490 MPS-MP2490 Datasheet
338Kb / 13P
   1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
MP2492 MPS-MP2492 Datasheet
588Kb / 11P
   2A, 55V, 100kHz Step-Down Converter with Programmable Output Current Limit
logo
Linear Technology
LTC3606B LINER-LTC3606B Datasheet
319Kb / 20P
   800mA Synchronous Step-Down DC/DC with Average Input Current Limit
LTC3606B LINER-LTC3606B_15 Datasheet
351Kb / 20P
   800mA Synchronous Step-Down DC/DC with Average Input Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com