Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2141N Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2141N
Description  1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2141N Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2141N Datasheet HTML 7Page - Monolithic Power Systems MP2141N Datasheet HTML 8Page - Monolithic Power Systems MP2141N Datasheet HTML 9Page - Monolithic Power Systems MP2141N Datasheet HTML 10Page - Monolithic Power Systems MP2141N Datasheet HTML 11Page - Monolithic Power Systems MP2141N Datasheet HTML 12Page - Monolithic Power Systems MP2141N Datasheet HTML 13Page - Monolithic Power Systems MP2141N Datasheet HTML 14Page - Monolithic Power Systems MP2141N Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MP2141N
– 1A, SYNCHRONOUS, STEP-DOWN CONVERTER WITH 11µA I
Q
MP2141N Rev. 1.12
www.MonolithicPower.com
11
7/28/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin # Name Description
1
FB/PG
MP2141NGTF: Feedback. An external resistor divider from the output to GND tapped to FB sets
the output voltage.
MP2141NGTF-18: Power Good Indicator. The output of this pin is an open drain with external
pull up resistor to Vin.
2
GND
Power ground.
3
VIN
Supply voltage. The MP2141N operates from a +2.3V to +5.5V unregulated input. A decoupling
capacitor is needed to prevent large voltage spikes from appearing at input.
4
SW
Output switching node. SW is the drain of the internal high-side P-channel MOSFET. Connect
the inductor to SW to complete the converter.
5
EN
On/off control.
6
OUT
Output voltage power rail and input sense. Connect the load to OUT. An output capacitor is
needed to decrease the output voltage ripple.


Similar Part No. - MP2141N

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2141NGTF MPS-MP2141NGTF Datasheet
357Kb / 8P
   1A Synchronous Step-down Converter with 11uA Iq in a Tiny SOT
More results

Similar Description - MP2141N

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1601 MPS-MP1601 Datasheet
694Kb / 20P
   1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP1605 MPS-MP1605 Datasheet
1Mb / 18P
   2A, Synchronous, Step-Down Converter with Low 11uA Quiescent Current
MP4431 MPS-MP4431 Datasheet
1Mb / 27P
   36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter
EV2141N-TF-00A MPS-EV2141N-TF-00A Datasheet
357Kb / 8P
   1A Synchronous Step-down Converter with 11uA Iq in a Tiny SOT
logo
Linear Technology
LTC3621 LINER-LTC3621_15 Datasheet
289Kb / 18P
   17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3621-2 LINER-LTC3621-2_15 Datasheet
289Kb / 18P
   17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
logo
Monolithic Power System...
MP2148 MPS-MP2148 Datasheet
702Kb / 20P
   1A Synchronous Step-down Converter with 11uA Iq in Ultra-small 1x1.5mm QFN
EV2148-QD-00B MPS-EV2148-QD-00B Datasheet
395Kb / 8P
   1A Synchronous Step-down Converter with 11uA Iq in Ultra-small 1x1.5mm QFN
MPQ4431 MPS-MPQ4431 Datasheet
1Mb / 28P
   36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
logo
Linear Technology
LTC3622 LINER-LTC3622_15 Datasheet
593Kb / 24P
   17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com