Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM692ACSA Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # ASM692ACSA
Description  UP Power Supply Supervisor With Battery Backup Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM692ACSA Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button ASM692ACSA Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM692ACSA Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM692ACSA Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM692ACSA Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM692ACSA Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM692ACSA Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM692ACSA Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM692ACSA Datasheet HTML 12Page - Alliance Semiconductor Corporation ASM692ACSA Datasheet HTML 13Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11 of 13
Notice: The information in this document is subject to change without notice
ASM690A / 692A
ASM802L / 802M
ASM805L
µP Power Supply Supervisor With Battery Backup Switch
rev 1.0
October 2003
Package Information
Inches
Millimeters
Min
Max
Min
Max
Plastic DIP (8-Pin) *
A
-
0.210
-
5.33
A1
0.015
-
0.38
-
A2
0.115
0.195
2.92
4.95
b
0.014
0.022
0.36
0.56
b2
0.045
0.070
1.14
1.78
b3
0.030
0.045
0.80
1.14
D
0.355
0.400
0.80
1.14
D1
0.005
-
0.13
-
E
0.300
0.325
7.62
8.26
E1
0.240
0.280
6.10
7.11
e
0.100
-
2.54
eA
0.300
-
7.62
eB
-
0.430
-
10.92
eC
-
0.060
L
0.115
0.150
2.92
3.81
CerDIP (8-Pin)
A
-
0.200
-
5.08
A1
0.015
0.070
0.38
1.78
b
0.014
0.023
0.36
0.58
B2
0.038
0.065
0.97
1.65
C
0.008
0.015
0.20
0.38
D
-
0.405
-
10.29
D1
0.005
-
0.13
-
E
0.290
0.320
7.37
8.13
E1
0.220
0.310
5.59
7.87
e
0.100
2.54
L
0.125
0.200
3.18
5.08
SO (8-Pin) **
A
0.053
0.069
1.35
1.75
A1
0.004
0.010
0.10
0.25
B
0.013
0.020
0.33
0.51
C
0.007
0.010
0.19
0.25
e
0.050
1.27
E
0.150
0.157
3.80
4.00
H
0.228
0.244
5.80
6.20
L
0.016
0.050
0.40
1.27
D
0.189
0.197
4.80
5.00
Plastic DIP (8-Pin)
CerDIP (8-Pin)
SO (8-Pin)


Similar Part No. - ASM692ACSA

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM692ACSA PULSECORE-ASM692ACSA Datasheet
348Kb / 15P
   關P Power Supply Supervisor With Battery Backup Switch
logo
ON Semiconductor
ASM692ACSA ONSEMI-ASM692ACSA Datasheet
202Kb / 12P
   Power Supply Supervisor
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM692ACSAF PULSECORE-ASM692ACSAF Datasheet
348Kb / 15P
   關P Power Supply Supervisor With Battery Backup Switch
logo
ON Semiconductor
ASM692ACSAF ONSEMI-ASM692ACSAF Datasheet
202Kb / 12P
   Power Supply Supervisor
August, 2011 ??Rev. 3
More results

Similar Description - ASM692ACSA

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP690A IMP-IMP690A Datasheet
225Kb / 10P
   關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
logo
PulseCore Semiconductor
ASM690A PULSECORE-ASM690A Datasheet
348Kb / 15P
   關P Power Supply Supervisor With Battery Backup Switch
logo
TelCom Semiconductor, I...
TC70 TELCOM-TC70 Datasheet
89Kb / 7P
   MICROMASTER - SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR, WATCHDOG AND BATTERY BACKUP
logo
Texas Instruments
TPS3606-33 TI-TPS3606-33 Datasheet
388Kb / 18P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
logo
TECHNOLOGY ASSISTANCE B...
TDRSP-1URK-BBU-12-50 TAB-TDRSP-1URK-BBU-12-50 Datasheet
462Kb / 2P
   BATTERY BACK-UP POWER SUPPLY
logo
ON Semiconductor
ASM1834 ONSEMI-ASM1834 Datasheet
176Kb / 11P
   Power Supply Supervisor
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com