Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2143 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2143
Description  3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2143 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2143 Datasheet HTML 6Page - Monolithic Power Systems MP2143 Datasheet HTML 7Page - Monolithic Power Systems MP2143 Datasheet HTML 8Page - Monolithic Power Systems MP2143 Datasheet HTML 9Page - Monolithic Power Systems MP2143 Datasheet HTML 10Page - Monolithic Power Systems MP2143 Datasheet HTML 11Page - Monolithic Power Systems MP2143 Datasheet HTML 12Page - Monolithic Power Systems MP2143 Datasheet HTML 13Page - Monolithic Power Systems MP2143 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
MP2143 – 3A, 5.5V, 1.2MHz, 40μA IQ, COT SYNCHRONOUS STEP-DOWN SWITCHER
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP2143 Rev. 1.07
www.MonolithicPower.com
14
7/4/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PACKAGE INFORMATION
TSOT23-8


Similar Part No. - MP2143

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2143H MPS-MP2143H Datasheet
527Kb / 15P
   3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
MP2143HGD MPS-MP2143HGD Datasheet
527Kb / 15P
   3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
MP2143HGD MPS-MP2143HGD Datasheet
483Kb / 7P
   3A, 5.5V, 2MHz Synchronous Step-Down Switcher Evaluation Board
More results

Similar Description - MP2143

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP9143 MPS-MP9143 Datasheet
483Kb / 15P
   3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
MPQ2143-AEC1 MPS-MPQ2143-AEC1 Datasheet
802Kb / 15P
   3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step-Down Switcher AEC-Q100 Qualified
MP2187 MPS-MP2187 Datasheet
440Kb / 18P
   Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step-Down Switcher
MP2144 MPS-MP2144 Datasheet
363Kb / 14P
   2A, 5.5V, 1.2MHz, 40A IQ, COT Synchronous Step Down Switcher
MP2147 MPS-MP2147 Datasheet
712Kb / 19P
   5.5V, 4A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
MP2145 MPS-MP2145 Datasheet
1Mb / 19P
   5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
EV2147-D-00A MPS-EV2147-D-00A Datasheet
496Kb / 8P
   5.5V, 4A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher Evaluation Board
EV2145-D-00A MPS-EV2145-D-00A Datasheet
552Kb / 8P
   5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher Evaluation Board
MPQ2143H MPS-MPQ2143H Datasheet
897Kb / 15P
   3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
MP2188 MPS-MP2188 Datasheet
1Mb / 17P
   Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step Down Switchers With Auto Output Discharge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com