Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8560 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV8560
Description  High Performance Low-Power, LDO Regulator with Enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8560 Datasheet(HTML) 4 Page - ON Semiconductor

  NCV8560_17 Datasheet HTML 1Page - ON Semiconductor NCV8560_17 Datasheet HTML 2Page - ON Semiconductor NCV8560_17 Datasheet HTML 3Page - ON Semiconductor NCV8560_17 Datasheet HTML 4Page - ON Semiconductor NCV8560_17 Datasheet HTML 5Page - ON Semiconductor NCV8560_17 Datasheet HTML 6Page - ON Semiconductor NCV8560_17 Datasheet HTML 7Page - ON Semiconductor NCV8560_17 Datasheet HTML 8Page - ON Semiconductor NCV8560_17 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NCV8560
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS
(Vin = 1.750 V, Vout = 1.250 V, Cin = Cout =1.0 mF, −40°C ≤ TA ≤ 125°C, Figure 5, unless otherwise specified.) (Note 10)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
REGULATOR OUTPUT (Adjustable Voltage Version)
Output Voltage
Vout
Iout = 1.0 mA to 150 mA
Vin = 1.75 V to 6.0 V,
Vout = ADJ
1.231
(−1.5%)
1.250
1.269
(+1.5%)
V
Ripple Rejection
(Vin = Vout + 1.0 V + 0.5 Vp−p)
RR
Iout = 1.0 mA to 150 mA
f = 120 Hz
f = 1.0 kHz
f = 10 kHz
62
55
38
dB
Line Regulation
Regline
Vin = 1.750 V to 6.0 V,
Iout = 1.0 mA
1.0
10
mV
Load Regulation
Regload
Iout = 1.0 mA to 150 mA
2.0
15
mV
Output Noise Voltage (Note 11)
Vn
f = 10 Hz to 100 kHz
50
mVrms
Output Short Circuit Current
Isc
300
550
800
mA
Dropout Voltage
Vout = 1.25 V
Vout = 1.3 V
Vout = 1.5 V
Vout = 1.8 V
Vout = 2.5 V
Vout ≥ 2.8 V
VDO
Measured at: Vout – 2.0%,
Iout = 150 mA, Figure 6
175
175
150
125
100
75
250
250
225
175
150
125
mV
REGULATOR OUTPUT (Fixed Voltage Version)
(Vin = Vout + 0.5 V, Cin = Cout =1.0 mF, −40°C ≤ TA ≤ 125°C, Figure 7, unless otherwise specified.) (Note 10)
Output Voltage
1.3 V Option
1.5 V Option
1.8 V Option
2.5 V Option
2.8 V Option
3.0 V Option
3.3 V Option
3.5 V Option
5.0 V Option
Vout
Iout = 1.0 mA to 150 mA
Vin = (Vout + 0.5 V) to 6.0 V
1.274
1.470
1.764
2.450
2.744
2.940
3.234
3.430
4.900
(−2%)
1.326
1.530
1.836
2.550
2.856
3.060
3.366
3.570
5.100
(+2%)
V
Power Supply Ripple Rejection (Note 11)
(Vin = Vout + 1.0 V + 0.5 Vp−p)
PSRR
Iout = 1.0 mA to 150 mA
f = 120 Hz
f = 1.0 kHz
f = 10 kHz
62
55
38
dB
Line Regulation
Regline
Vin = 1.750 V to 6.0 V,
Iout = 1.0 mA
1.0
10
mV
Load Regulation
1.3 V to 1.5 V Option
1.8 V Option
2.5 V to 5.0 V Option
Regload
Iout = 1.0 mA to 150 mA
2.0
2.0
2.0
20
25
30
mV
Output Noise Voltage (Note 11)
Vn
f = 10 Hz to 100 kHz
50
mVrms
Output Short Circuit Current
Isc
300
550
800
mA
Dropout Voltage
1.3 V Option
1.5 V Option
1.8 V Option
2.5 V Option
2.8 V to 5.0 V Option
VDO
Measured at: Vout – 2.0%
175
150
125
100
75
250
225
175
150
125
mV
10. Performance guaranteed over the indicated operating temperature range by design and/or characterization, production tested at
TJ = TA = 25°C. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
11. Values based on design and/or characterization.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NCV8560_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8560 ONSEMI-NCV8560_13 Datasheet
208Kb / 15P
   High Performance Low-Power, LDO Regulator
May, 2013 ??Rev. 4
More results

Similar Description - NCV8560_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP600 ONSEMI-NCP600 Datasheet
107Kb / 13P
   High Performance Low-Power, LDO Regulator with Enable
September, 2006 ??Rev. 3
NCP600SN350T1G ONSEMI-NCP600SN350T1G Datasheet
171Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
January, 2013 ??Rev. 11
NCV8560 ONSEMI-NCV8560 Datasheet
178Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
May, 2008 ??Rev. 1
NCV8560 ONSEMI-NCV8560_13 Datasheet
208Kb / 15P
   High Performance Low-Power, LDO Regulator
May, 2013 ??Rev. 4
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114 Datasheet
787Kb / 28P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Taiwan Semiconductor Co...
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205_1 Datasheet
183Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5201 TSC-TS5201_07 Datasheet
328Kb / 7P
   200mA Low Noise LDO Voltage Regulator with Enable
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114_13 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com