Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8664C Datasheet(PDF) 13 Page - ON Semiconductor

Part # NCV8664C
Description  Very Low Iq Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8664C Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCV8664C_17 Datasheet HTML 5Page - ON Semiconductor NCV8664C_17 Datasheet HTML 6Page - ON Semiconductor NCV8664C_17 Datasheet HTML 7Page - ON Semiconductor NCV8664C_17 Datasheet HTML 8Page - ON Semiconductor NCV8664C_17 Datasheet HTML 9Page - ON Semiconductor NCV8664C_17 Datasheet HTML 10Page - ON Semiconductor NCV8664C_17 Datasheet HTML 11Page - ON Semiconductor NCV8664C_17 Datasheet HTML 12Page - ON Semiconductor NCV8664C_17 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
NCV8664C
www.onsemi.com
13
PACKAGE DIMENSIONS
DPAK (SINGLE GAUGE)
DT SUFFIX
CASE 369C
ISSUE F
5.80
0.228
2.58
0.102
1.60
0.063
6.20
0.244
3.00
0.118
6.17
0.243
mm
inches
SCALE 3:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
b
D
E
b3
L3
L4
b2
M
0.005 (0.13)
C
c2
A
c
C
Z
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
D
0.235
0.245
5.97
6.22
E
0.250
0.265
6.35
6.73
A
0.086
0.094
2.18
2.38
b
0.025
0.035
0.63
0.89
c2
0.018
0.024
0.46
0.61
b2
0.028
0.045
0.72
1.14
c
0.018
0.024
0.46
0.61
e
0.090 BSC
2.29 BSC
b3
0.180
0.215
4.57
5.46
L4
−−−
0.040
−−−
1.01
L
0.055
0.070
1.40
1.78
L3
0.035
0.050
0.89
1.27
Z
0.155
−−−
3.93
−−−
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCHES.
3. THERMAL PAD CONTOUR OPTIONAL WITHIN DI-
MENSIONS b3, L3 and Z.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH, PROTRUSIONS, OR BURRS. MOLD
FLASH, PROTRUSIONS, OR GATE BURRS SHALL
NOT EXCEED 0.006 INCHES PER SIDE.
5. DIMENSIONS D AND E ARE DETERMINED AT THE
OUTERMOST EXTREMES OF THE PLASTIC BODY.
6. DATUMS A AND B ARE DETERMINED AT DATUM
PLANE H.
7. OPTIONAL MOLD FEATURE.
12
3
4
H
0.370
0.410
9.40
10.41
A1
0.000
0.005
0.00
0.13
L1
0.114 REF
2.90 REF
L2
0.020 BSC
0.51 BSC
A1
H
DETAIL A
SEATING
PLANE
A
B
C
L1
L
H
L2
GAUGE
PLANE
DETAIL A
ROTATED 90 CW
5
e
BOTTOM VIEW
Z
BOTTOM VIEW
SIDE VIEW
TOP VIEW
ALTERNATE
CONSTRUCTIONS
NOTE 7
Z
NCV8664C/D
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of ON Semiconductor’s product/patent
coverage may be accessed at www.onsemi.com/site/pdf/Patent− Marking.pdf. ON Semiconductor reserves the right to make changes without further notice to any products herein.
ON Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
Buyer is responsible for its products and applications using ON Semiconductor products, including compliance with all laws, regulations and safety requirements or standards,
regardless of any support or applications information provided by ON Semiconductor. “Typical” parameters which may be provided in ON Semiconductor data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer
application by customer’s technical experts. ON Semiconductor does not convey any license under its patent rights nor the rights of others. ON Semiconductor products are not
designed, intended, or authorized for use as a critical component in life support systems or any FDA Class 3 medical devices or medical devices with a same or similar classification
in a foreign jurisdiction or any devices intended for implantation in the human body. Should Buyer purchase or use ON Semiconductor products for any such unintended or
unauthorized application, Buyer shall indemnify and hold ON Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs,
damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized
use, even if such claim alleges that ON Semiconductor was negligent regarding the design or manufacture of the part. ON Semiconductor is an Equal Opportunity/Affirmative Action
Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
19521 E. 32nd Pkwy, Aurora, Colorado 80011 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NCV8664C_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8664CST33T3G ONSEMI-NCV8664CST33T3G Datasheet
86Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2014 ??Rev. 0
NCV8664CST50T3G ONSEMI-NCV8664CST50T3G Datasheet
86Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2014 ??Rev. 0
More results

Similar Description - NCV8664C_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674 Datasheet
155Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2008 ??Rev. 2
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
142Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
NCV8664C ONSEMI-NCV8664C Datasheet
86Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2014 ??Rev. 0
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
165Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
   Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
102Kb / 11P
   Low IQ Low Dropout Linear Regulator
March, 2008 - Rev. 4
logo
Analog Devices
LT3033 AD-LT3033 Datasheet
3Mb / 24P
   Very Low Dropout Linear Regulator
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793_09 Datasheet
236Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com