Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV51460 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV51460
Description  20mA Micropower Precision Voltage Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV51460 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV51460 Datasheet HTML 3Page - ON Semiconductor NCV51460 Datasheet HTML 4Page - ON Semiconductor NCV51460 Datasheet HTML 5Page - ON Semiconductor NCV51460 Datasheet HTML 6Page - ON Semiconductor NCV51460 Datasheet HTML 7Page - ON Semiconductor NCV51460 Datasheet HTML 8Page - ON Semiconductor NCV51460 Datasheet HTML 9Page - ON Semiconductor NCV51460 Datasheet HTML 10Page - ON Semiconductor NCV51460 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NCV51460
www.onsemi.com
8
APPLICATIONS INFORMATION
Input Decoupling Capacitor (CIN)
It is recommended to connect a 0.1
mF Ceramic capacitor
between VIN and GND pin of the device. This capacitor will
provide a low impedance path for unwanted AC signals or
noise present on the input voltage. The input capacitor will
also limit the influence of input trace inductances and Power
Supply resistance during sudden load current changes.
Higher capacitances will improve the Power Supply
Rejection Ratio and line transient response.
Output Decoupling Capacitor (COUT)
The NCV51460 was designed to be stable without an
additional output capacitor. Without the output capacitor the
VOUT settling times during Reference Turn−on or Turn−off
can be as short as 20
ms (Refer to Figure 24 and 25). The
Load Transient Responses without COUT (Figure 21 and 22)
show good stability of NCV51460 even for fast output
current changes from 0 mA to full load. If smaller VOUT
deviations during load current changes are required, it is
possible to add some external capacitance as shown on
Figure 26.
NCV51460
GND
3.3 V
CIN
0.1
mF
VIN = 4.2 to 28 V
VIN
VOUT
VOUT
COUT
(3.3 V fixed)
Figure 26. Output Capacitor Connection
The COUT will reduce the overshoot and undershoot but
will increase the settling time and can introduce some
ringing of the output voltage during fast load transients.
NCV51460 behavior for different values of ceramic X7R
output capacitors is depicted on Figure 23.
The Output Voltage ringing and settling times can be
reduced by using some additional resistance in series with
the Ceramic Capacitor or by using Tantalum or Aluminum
Capacitors which have higher ESR values. Figure 27 below
shows the Load Transient improvement after adding an
additional 2
W series resistor to a 1 mF Ceramics Capacitor.
3.35
3.30
3.25
3.35
3.30
3.25
Figure 27.
COUT = 1 mF MLCC + 2 W
VIN = 5.8 V, TA = 25°C,
trise_fall = 10 mA/1 ms
VOUT
IOUT = 10 mA
IOUT = 0 mA
COUT = 1 mF MLCC
TIME (50
ms/DIV)
The device was determined to be stable with Aluminum,
Ceramic and Tantalum Capacitors with capacitances
ranging from 0 to 100
mF at TA = 25°C.
Turn−On Response
It is possible to achieve very fast Turn−On time when fast
VIN ramp is applied to NCV51460 input as shown on
Figure 24. However if the Input Voltage change from 0 V to
nominal Input Voltage is extremely fast, the Output Voltage
settling time will increase. Figure 28 below shows this effect
when the Input Voltage change is 5.8 V / 2
ms.
0
1
2
3
0
2
4
6
TIME (10
ms/DIV)
Figure 28.
VIN = 0 V to 5.8 V,
CIN = 0 mF,
COUT = 0 mF,
IOUT = 0 mA, TA = 25°C,
trise = 45 ms
VOUT
VIN


Similar Part No. - NCV51460

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV51400 ONSEMI-NCV51400 Datasheet
261Kb / 9P
   3 Amp VTT Termination Regulator DDR1, DDR2, DDR3, LPDDR3, DDR4
June, 2020 - Rev. 6
NCV51400MNTXG ONSEMI-NCV51400MNTXG Datasheet
168Kb / 7P
   Termination Regulator
June, 2015 ??Rev. 2
NCV51400MNTXG ONSEMI-NCV51400MNTXG Datasheet
140Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 3
NCV51400MNTXG ONSEMI-NCV51400MNTXG Datasheet
261Kb / 9P
   3 Amp VTT Termination Regulator DDR1, DDR2, DDR3, LPDDR3, DDR4
June, 2020 - Rev. 6
NCV51400MWTXG ONSEMI-NCV51400MWTXG Datasheet
168Kb / 7P
   Termination Regulator
June, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com