Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV59744 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV59744
Description  3.0 A, Dual-Rail Very Low-Dropout Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV59744 Datasheet(HTML) 1 Page - ON Semiconductor

  NCV59744 Datasheet HTML 1Page - ON Semiconductor NCV59744 Datasheet HTML 2Page - ON Semiconductor NCV59744 Datasheet HTML 3Page - ON Semiconductor NCV59744 Datasheet HTML 4Page - ON Semiconductor NCV59744 Datasheet HTML 5Page - ON Semiconductor NCV59744 Datasheet HTML 6Page - ON Semiconductor NCV59744 Datasheet HTML 7Page - ON Semiconductor NCV59744 Datasheet HTML 8Page - ON Semiconductor NCV59744 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2017
February, 2017 − Rev. 0
1
Publication Order Number:
NCV59744/D
NCV59744
3.0 A, Dual-Rail Very
Low-Dropout Linear
Regulator with
Programmable Soft-Start
The NCV59744 is dual−rail very low dropout voltage regulator that
is capable of providing an output current in excess of 3.0 A with a
dropout voltage of 115 mV typ. at full load current. The devices are
stable with ceramic and other low ESR output capacitors. This series
contains adjustable output voltage version with output voltage down
to 0.8 V. Internal protection features consist of built−in thermal
shutdown and output current limiting protection. User−programmable
Soft−Start and Power Good pins are available. The NCV59744 is
available in QFN20−5x5−0.65P package.
Features
Output Current in Excess of 3.0 A
0.25% Typical Accuracy Over Line and Load
VIN Range: 0.8 V to 5.5 V
VBIAS Range: 2.2 V to 5.5 V
Output Voltage Range: 0.8 V to 3.6 V
Dropout Voltage: 115 mV at 3 A
Programmable Soft Start
Open Drain Power Good Output
Excellent Transient Response
Current Limit and Thermal Shutdown Protection
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These are Pb−Free Devices
Applications
Automotive, Telecom and Industrial Equipment Point of Load
Regulation
FPGA, DSP and Logic Power Supplies
Switching Power Supply Post Regulation
Applications with Specific Start−up Time or Sequencing
Requirements
Figure 1. Typical Application Schematic
NCV59744
QFN20
CASE 485DB
MARKING DIAGRAM
www.onsemi.com
A
= Assembly Location
L/WL
= Wafer Lot
Y/YY
= Year
W/WW = Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
PIN CONNECTIONS
See detailed ordering, marking and shipping information in the
package dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
NCV59744
AWLYYWW
G
G
QFN20
1
QFN20, 5x5, 0.65P
IN
IN
IN
PG
BIAS
OUT
OUT
OUT
NC
FB
GND
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10


Similar Part No. - NCV59744

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV59744 ONSEMI-NCV59744 Datasheet
526Kb / 12P
   Linear Voltage Regulator - Bias Rail, Very Low Dropout, Programmable Soft-Start 3 A
November, 2021 ??Rev. 2
NCV59744MNADJTBG ONSEMI-NCV59744MNADJTBG Datasheet
526Kb / 12P
   Linear Voltage Regulator - Bias Rail, Very Low Dropout, Programmable Soft-Start 3 A
November, 2021 ??Rev. 2
NCV59744 ONSEMI-NCV59744_V01 Datasheet
526Kb / 12P
   Linear Voltage Regulator - Bias Rail, Very Low Dropout, Programmable Soft-Start 3 A
November, 2021 ??Rev. 2
More results

Similar Description - NCV59744

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP59744 ONSEMI-NCP59744_17 Datasheet
226Kb / 12P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator
February, 2017 ??Rev. 2
NCV59749 ONSEMI-NCV59749 Datasheet
205Kb / 10P
   3.0 A, Dual-Rail Very Low?륞ropout Linear Regulator
February, 2017 ??Rev. 1
NCP59744 ONSEMI-NCP59744 Datasheet
205Kb / 10P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator with Programmable Soft-Start
January, 2015 ??Rev. 1
NCP59748 ONSEMI-NCP59748_16 Datasheet
219Kb / 11P
   1.5 A, Dual-Rail Very Low?륞ropout Linear Regulator
December, 2016 ??Rev. 1
NCP59749 ONSEMI-NCP59749 Datasheet
253Kb / 10P
   3.0 A, Dual-Rail Very Low?륞ropout Linear Regulator with Programmable Soft?륲tart
March, 2014 ??Rev. 0
SCV59748 ONSEMI-SCV59748 Datasheet
214Kb / 10P
   Linear Voltage Regulator with Bias Rail, 1.5 A, Very Low Dropout
June, 2020 - Rev. 0
NCV59748 ONSEMI-NCV59748_17 Datasheet
200Kb / 11P
   Dual-Rail Very Low?륞ropout Linear Regulator
February, 2017 ??Rev. 1
logo
Analog Devices
LT3033 AD-LT3033 Datasheet
3Mb / 24P
   Very Low Dropout Linear Regulator
logo
Monolithic Power System...
MP2030 MPS-MP2030 Datasheet
402Kb / 12P
   3A Dual Supply Very Low Dropout Linear Regulator
logo
ON Semiconductor
NCP5666 ONSEMI-NCP5666 Datasheet
204Kb / 9P
   3.0 A, Low Dropout Linear Regulator with Enable
October, 2007 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com