Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2166 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP2166
Description  6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2166 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP2166 Datasheet HTML 13Page - Monolithic Power Systems MP2166 Datasheet HTML 14Page - Monolithic Power Systems MP2166 Datasheet HTML 15Page - Monolithic Power Systems MP2166 Datasheet HTML 16Page - Monolithic Power Systems MP2166 Datasheet HTML 17Page - Monolithic Power Systems MP2166 Datasheet HTML 18Page - Monolithic Power Systems MP2166 Datasheet HTML 19Page - Monolithic Power Systems MP2166 Datasheet HTML 20Page - Monolithic Power Systems MP2166 Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
MP2166
– 6V, DUAL 2A/2A OR 3A/1A, SYNC, BUCK REGULATOR WITH PG AND SS
MP2166 Rev. 1.0
www.MonolithicPower.com
18
3/14/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PCB Layout Guidelines
(6)
Efficient
PCB
layout
is
critical for
stable
operation.
A
four-layer
layout
is
strongly
recommended
to
achieve
better
thermal
performance. For best results, refer to Figure 6
and follow the guidelines below.
1. Place the high-current paths (PGND, VIN,
and SW) very close to the device with short,
direct, and wide traces.
2. Place input capacitors on both VIN sides
and as close to VIN and PGND as possible.
3. Place the decoupling capacitor as close to
VCC and AGND as possible.
4. Keep the switching node SW short and
away from the feedback network.
5. Place the external feedback resistors next
to FB. Do not place vias on the FB trace.
6. Connect PGND to a large copper area to
achieve better thermal performance.
Top Layer
Inner Layer 1
Inner Layer 2
Bottom Layer
Figure 6: Recommended PCB Layout
NOTE:
6)
The recommended PCB layout is based on Figure7


Similar Part No. - MP2166

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2160 MPS-MP2160 Datasheet
338Kb / 13P
   1.2A Peak, 6V, 3.5MHz, COT Synchronous Step Down Switcher
MP21600 MPS-MP21600 Datasheet
1Mb / 17P
   0.6A, Synchronous, Step-Down Converter with 11關A IQ in Ultra-Small 1x1.5mm QFN
MP21600GQD MPS-MP21600GQD Datasheet
1Mb / 17P
   0.6A, Synchronous, Step-Down Converter with 11關A IQ in Ultra-Small 1x1.5mm QFN
MP2160GQH MPS-MP2160GQH Datasheet
338Kb / 13P
   1.2A Peak, 6V, 3.5MHz, COT Synchronous Step Down Switcher
MP2160GQH MPS-MP2160GQH Datasheet
542Kb / 6P
   1.2A Peak, 6V, 3.5MHz Synchronous Step-Down Switcher Evaluation Board
More results

Similar Description - MP2166

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ2166 MPS-MPQ2166 Datasheet
938Kb / 22P
   6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS AEC-Q100 Qualified
MPQ2169B MPS-MPQ2169B Datasheet
2Mb / 27P
   6V, Dual 1.4A/1.4A or 2A/0.8A, Low-IQ,Synchronous Buck with PG and SS,AEC-Q100 Qualified
Rev. 1.0 12/20/2021
MP2122 MPS-MP2122 Datasheet
539Kb / 16P
   6V, 2A, Low Quiescent Current Dual, SYNC Buck Regulator
MPQ2122 MPS-MPQ2122 Datasheet
568Kb / 17P
   6V, 2A, Low Quiescent Current Dual, SYNC Buck Regulator
EV2122-J-00A MPS-EV2122-J-00A Datasheet
207Kb / 4P
   6V, Dual 2A Low Quiescent Current SYNC Buck Regulator
MP2149 MPS-MP2149 Datasheet
451Kb / 13P
   6V, 1A, Low Quiescent Current Dual, SYNC Buck Regulator
logo
Linear Technology
LTC3546 LINER-LTC3546_15 Datasheet
367Kb / 30P
   Dual Synchronous, 3A/1A or 2A/2A Configurable Step-Down DC/DC Regulator
logo
Monolithic Power System...
EV2149-J-00A MPS-EV2149-J-00A Datasheet
232Kb / 4P
   6V, Dual 1A Low Quiescent Current SYNC Buck Regulator
MP9148 MPS-MP9148 Datasheet
519Kb / 14P
   6V, 1A, Low Quiescent Current Dual, SYNC Buck Regulator
EV2108DQ-00A MPS-EV2108DQ-00A Datasheet
171Kb / 4P
   2A, 6V, 720KHz Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com