Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT510X Datasheet(PDF) 16 Page - Active-Semi, Inc

Part # ACT510X
Description  23V Buck-Boost Converter with Integrated MOSFETs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT510X Datasheet(HTML) 16 Page - Active-Semi, Inc

Back Button ACT510X Datasheet HTML 12Page - Active-Semi, Inc ACT510X Datasheet HTML 13Page - Active-Semi, Inc ACT510X Datasheet HTML 14Page - Active-Semi, Inc ACT510X Datasheet HTML 15Page - Active-Semi, Inc ACT510X Datasheet HTML 16Page - Active-Semi, Inc ACT510X Datasheet HTML 17Page - Active-Semi, Inc ACT510X Datasheet HTML 18Page - Active-Semi, Inc ACT510X Datasheet HTML 19Page - Active-Semi, Inc ACT510X Datasheet HTML 20Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
ACT510x
Rev 1.0, 04-Apr-2018
16
Table 4: STAT pin State
State
STAT Output Pin
Converter Enabled and Output Valid
LOW
Converter Disabled
HIZ
Converter Enabled but in Fault, Hiccup or Light Load states
HIZ
6. Interrupt Output Pin (nIRQ)
The nIRQ output pin can be used to signal a fault or other system effects. The conditions below can active the nIRQ Pin
and all of them can be masked individually using the IRQ Control Registers 0x1E and 0x1F. To clear the nIRQ and de-
assert the nIRQ pin, the nIRQ_CLEAR must be written to a 1. The nIRQ_CLEAR is a self-clearing register bit. If the
nIRQ_CLEAR is read, it will always be a 0, even if it has been written to 1.
1.
Watchdog Expired - If the watchdog timer expires at any time, it will active the nIRQ Pin. This is level sensitive
function. The watchdog timer must be reset or disabled and nIRQ_CLEAR must be written to 1 for the nIRQ to be
de-asserted. – No watchdog in HIZ so cannot be triggered HIZ mode.
2. VREG LDO Overcurrent or Under-voltage Lockout- Any time the VREG LDO is in overcurrent or under-voltage
lockout, the nIRQ will be asserted. This is a level sensitive function. The VREG LDO must be in regulation AND
nIRQ_CLEAR must be written to a 1 for nIRQ to be de-asserted. If the VREG LDO is in the 100msec shutdown
wait period, it will not clear the nIRQ output. This fault WILL be valid in all modes, including HIZ Mode.
3. Die Over Temperature Shut Down - Any time the die temperature exceeds the TSHUT (160°C) threshold, the nIRQ
will be asserted.
This is a level sensitive function.
The die temperature must be below the TSHUT_HYST AND
nIRQ_CLEAR must be written to 1 for nIRQ to be de-asserted.
4. FET Overcurrent Fault – If the device is disabled from switching because of FET overcurrent fault, the nIRQ will
be asserted. This is a level sensitive function. This fault is latched, so the latch must cleared AND nIRQ_CLEAR
must be written to 1 for nIRQ to be de-asserted.
5. A2D Data Ready – If the A2D is enabled, and a conversion is completed the nIRQ pin will be asserted. This is an
edge triggered event and only a write to1 of nIRQ_CLEAR is needed to de-assert the nIRQ pin. This can be active
in all modes, when the A2D is enabled.
6. HIZ Enter – If the devices enters HIZ mode the nIRQ pin will be asserted. This is an edge triggered event and only
a write to 1 of the nIRQ_CLEAR is needed to de-assert the nIRQ pin. This is used to signal a fault or other condition
that might have caused the device to jump out of operation mode un-expectantly.
7. I2C Fault – If the I2C command requires more than 100msec to complete, then a fault is latched on the rising edge
of the error. This fault will get reset when another I2C command completes correctly, but is latched with the Reg
0x06 Bit 1.
8. VOUT OV (30V) – If the VOUT is above VOUT_OVP (30V), the nIRQ will be asserted. This is a level sensitive function.
9. VIN above VIN_OV (23.5V) - If the VIN is above VVIN_OV (23.5V), the nIRQ will be asserted. This is a level sensitive
function.
10. VIN UV - Any time the VIN is below VIN_UV threshold, the nIRQ will be asserted. This is a level sensitive function.
VIN must be in the valid range AND nIRQ_CLEAR must be written to 1 for nIRQ to be de-asserted.
11. Light Load Disable State - Any time the device enters the LL_DIS state, the nIRQ will be asserted until the
nIRQ_CLEAR Register is written to 1. The nIRQ is triggered with a “rising edge” of the LL_DIS state and does not
require exiting the state to de-assert the nIRQ pin.
12. Hiccup Mode / Vout Fault State - Any time the device enters the HICCUP state, the nIRQ will be asserted until the
nIRQ_CLEAR Register is written to 1. The nIRQ is triggered with a “rising edge” of the HICCUP state and does not
require exiting the state to de-assert the nIRQ pin.


Similar Part No. - ACT510X

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT510 ACTIVE-SEMI-ACT510 Datasheet
171Kb / 4P
   ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
logo
Aeroflex Circuit Techno...
ACT5101-1 AEROFLEX-ACT5101-1 Datasheet
237Kb / 12P
   ACT5101-1 HIGH VOLTAGE 3-PHASE BRUSHLESS DC MOTOR DRIVE
logo
Active-Semi, Inc
ACT510US-T ACTIVE-SEMI-ACT510US-T Datasheet
171Kb / 4P
   ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
More results

Similar Description - ACT510X

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2861QI ACTIVE-SEMI-ACT2861QI Datasheet
4Mb / 91P
   30V Buck-Boost Charger with Integrated MOSFETs and OTG
Rev 2.0, 27-Apr-2018
logo
Lite-On Technology Corp...
LSP5526 LITEON-LSP5526 Datasheet
605Kb / 15P
   2A 23V Synchronous Buck Converter
logo
Diodes Incorporated
LSP5526 DIODES-LSP5526 Datasheet
812Kb / 17P
   2A 23V Synchronous Buck Converter
Rev. 9 - 2 July 2022
logo
Allegro MicroSystems
A4450 ALLEGRO-A4450 Datasheet
680Kb / 34P
   Buck-Boost Controller with Integrated Buck MOSFET
logo
Rohm
BD8306MUV ROHM-BD8306MUV Datasheet
1Mb / 29P
   Integrated 2.0A MOSFET 1ch Buck-Boost Converter
logo
Maxim Integrated Produc...
MAX5073 MAXIM-MAX5073_V01 Datasheet
869Kb / 24P
   2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
2014
MAX5073 MAXIM-MAX5073 Datasheet
473Kb / 25P
   2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
Rev 2; 2/06
logo
Texas Instruments
LM3279 TI1-LM3279_16 Datasheet
1Mb / 37P
[Old version datasheet]   Buck-Boost Converter
logo
Rohm
BD8152FVM ROHM-BD8152FVM_14 Datasheet
1Mb / 27P
   Boost Converter with Integrated FET
logo
uPI Group Inc.
UP6663 UPI-UP6663 Datasheet
774Kb / 17P
   Integrated Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com