Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT510X Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT510X
Description  23V Buck-Boost Converter with Integrated MOSFETs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT510X Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT510X Datasheet HTML 1Page - Active-Semi, Inc ACT510X Datasheet HTML 2Page - Active-Semi, Inc ACT510X Datasheet HTML 3Page - Active-Semi, Inc ACT510X Datasheet HTML 4Page - Active-Semi, Inc ACT510X Datasheet HTML 5Page - Active-Semi, Inc ACT510X Datasheet HTML 6Page - Active-Semi, Inc ACT510X Datasheet HTML 7Page - Active-Semi, Inc ACT510X Datasheet HTML 8Page - Active-Semi, Inc ACT510X Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
ACT510x
Rev 1.0, 04-Apr-2018
3
PIN DESCRIPTIONS
PIN
NAME
Type
DESCRIPTION
1, 9, 32
AGND
P
Analog ground of the IC.
2
NC
I
No connect
3
INTBP
O
Internal Bypass - This should be connected to a 100nF ceramic capacitor
4
VREG
I
Internal VREG LDO output. The output voltage is programmable from 2V to 5V. Connect
a 1.0uF to this pin. The maximum current capability for this pin is 100mA. The internal
Overcurrent and over temp circuit shut down the converter when VREG is overloaded.
5, 20
PGND
P
Power ground of the IC.
6
SDA
I/O I2C Interface data.
7
SCL
I
I2C Interface clock.
8
EN
I
Converter enable Input. The converter is active when this pin is pull low.
10
nIRQ
I
Interrupt IRQ open drain output.
11
ILIM
I
Input maxim current setting pin. Connect a resistor from ILIM to AGND to program the
maxim input current.
12
VINS
I
VIN Sense Input
13
ISRN
I
Negative input current sense amplifier inputs. Sense resistor is optional.
14
ISRP
I
Positive input current sense amplifier inputs.
15
HSB2
P
High Side Bias Pin. This provides power to the internal high-side MOSFET gate driver.
Connect a 47nF capacitor from HSB2 pin to SW2 pin.
16, 17
VIN
P
Input power pins. Decoupling capacitor should be placed from this pin to PGND.
18, 19
SW2
P
Power switching output node to external inductor.
21, 22
SW1
P
Power switching output node to external inductor.
23, 24
VOUT
P
Output pins. Decoupling capacitor should be placed from this pin to PGND.
25
HSB1
P
High Side Bias Pin. This provides power to the internal high-side MOSFET gate driver.
Connect a 47nF capacitor from HSB1 pin to SW1 pin.
26
OSRP
I
Output current sense resistor positive input.
27
OSRN
I
Output current sense resistor negative input.
28
STAT
O
Open drain status output to indicate various charger operation. A LOW indicates con-
verter is running. If converter is disabled for any reason, such as VOUT fault or VIN UV
etc., STAT will go high.
29
OLIM
I
Output constant current limit setting pin. Connect a resistor from OLIM to AGND to pro-
gram the output current.
30
(ACT5101)
A2D
I
A2D Input Pin
30
(ACT5102)
FB
I
Input FB pin
31
COMP
O
Error Amplifier Output. This pin is used to compensate the converter.
Power
Pad
P
Exposed pad. Must be shorted to ground on the PCB.


Similar Part No. - ACT510X

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT510 ACTIVE-SEMI-ACT510 Datasheet
171Kb / 4P
   ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
logo
Aeroflex Circuit Techno...
ACT5101-1 AEROFLEX-ACT5101-1 Datasheet
237Kb / 12P
   ACT5101-1 HIGH VOLTAGE 3-PHASE BRUSHLESS DC MOTOR DRIVE
logo
Active-Semi, Inc
ACT510US-T ACTIVE-SEMI-ACT510US-T Datasheet
171Kb / 4P
   ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
More results

Similar Description - ACT510X

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2861QI ACTIVE-SEMI-ACT2861QI Datasheet
4Mb / 91P
   30V Buck-Boost Charger with Integrated MOSFETs and OTG
Rev 2.0, 27-Apr-2018
logo
Lite-On Technology Corp...
LSP5526 LITEON-LSP5526 Datasheet
605Kb / 15P
   2A 23V Synchronous Buck Converter
logo
Diodes Incorporated
LSP5526 DIODES-LSP5526 Datasheet
812Kb / 17P
   2A 23V Synchronous Buck Converter
Rev. 9 - 2 July 2022
logo
Allegro MicroSystems
A4450 ALLEGRO-A4450 Datasheet
680Kb / 34P
   Buck-Boost Controller with Integrated Buck MOSFET
logo
Rohm
BD8306MUV ROHM-BD8306MUV Datasheet
1Mb / 29P
   Integrated 2.0A MOSFET 1ch Buck-Boost Converter
logo
Maxim Integrated Produc...
MAX5073 MAXIM-MAX5073_V01 Datasheet
869Kb / 24P
   2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
2014
MAX5073 MAXIM-MAX5073 Datasheet
473Kb / 25P
   2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
Rev 2; 2/06
logo
Texas Instruments
LM3279 TI1-LM3279_16 Datasheet
1Mb / 37P
[Old version datasheet]   Buck-Boost Converter
logo
Rohm
BD8152FVM ROHM-BD8152FVM_14 Datasheet
1Mb / 27P
   Boost Converter with Integrated FET
logo
uPI Group Inc.
UP6663 UPI-UP6663 Datasheet
774Kb / 17P
   Integrated Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com