Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2861QI Datasheet(PDF) 20 Page - Active-Semi, Inc

Part # ACT2861QI
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2861QI Datasheet(HTML) 20 Page - Active-Semi, Inc

Back Button ACT2861QI Datasheet HTML 16Page - Active-Semi, Inc ACT2861QI Datasheet HTML 17Page - Active-Semi, Inc ACT2861QI Datasheet HTML 18Page - Active-Semi, Inc ACT2861QI Datasheet HTML 19Page - Active-Semi, Inc ACT2861QI Datasheet HTML 20Page - Active-Semi, Inc ACT2861QI Datasheet HTML 21Page - Active-Semi, Inc ACT2861QI Datasheet HTML 22Page - Active-Semi, Inc ACT2861QI Datasheet HTML 23Page - Active-Semi, Inc ACT2861QI Datasheet HTML 24Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 91 page
background image
ACT2861QI
Rev 2.0, 27-Apr-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi
Copyright © 2018 Active-Semi, Inc.
20
Figure 3: Operating Modes State Machine
voltage is above the VBATSHORT voltage when enter-
ing this state, the charger still charges at the ISHRT cur-
rent for 16ms before moving to the Precondition state.
During this state, the Low Battery Safety Timer is run-
ning to detect fault conditions or bad battery. See the
Charge Safety Timers section for further details. The
Low Battery Safety Timer is a cumulative timer for the
SCOND, and PCOND states and is fixed at 2 hours.
A Safety Timer timeout or Battery OV during this state
causes the charger to move to the Fault State, which
disables charging. An input voltage OV or UV condition
also moves the state machine into the Fault state. Fi-
nally, a fault on the VREG LDO, which is not masked
with the DIS_CHG_VREG_FLT register also moves the
state machine into the Fault state.
During this state, the VIN voltage and VIN Current reg-
ulation loops are active to ensure the input supply power
ratings are not exceeded. Additionally, the thermal reg-
ulation loop is active to keep the ACT2861 junction tem-
perature at or below the desired maximum junction tem-
perature. See the appropriate sections for more details.
During this state the nCHG pin is pulled low to indicate
charging is in progress.
Battery Short Condition Temp Suspend (SCSUS-
PEND)
This state prevents charging when the battery tempera-
ture measured by the TH pin exceeds the JEITA or Bat-
tery Temp registers settings for Hot or Cold. All switch-
ing stops and charging is suspended. The state ma-
chine only enters SCSUSPEND from the SCOND state.
The charger transitions back to the SCOND state and


Similar Part No. - ACT2861QI

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2801 ACTIVE-SEMI-ACT2801 Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
ACT2801 ACTIVE-SEMI-ACT2801 Datasheet
2Mb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
ACT2801BQL-T1028 ACTIVE-SEMI-ACT2801BQL-T1028 Datasheet
679Kb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 8, 01-Nov-16
ACT2801BQL-T1028 ACTIVE-SEMI-ACT2801BQL-T1028 Datasheet
2Mb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
ACT2801CQL-T ACTIVE-SEMI-ACT2801CQL-T Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
More results

Similar Description - ACT2861QI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9237 INTERSIL-ISL9237 Datasheet
864Kb / 40P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
July 7, 2016
logo
Renesas Technology Corp
ISL9238 RENESAS-ISL9238 Datasheet
192Kb / 2P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 19, 2019
ISL9238C RENESAS-ISL9238C Datasheet
82Kb / 2P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Aug 19, 2021
ISL9237 RENESAS-ISL9237 Datasheet
1Mb / 40P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
logo
Intersil Corporation
ISL9238 INTERSIL-ISL9238 Datasheet
1Mb / 45P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
November 9, 2016
logo
Renesas Technology Corp
ISL9238B RENESAS-ISL9238B Datasheet
213Kb / 3P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 9, 2019
ISL9238A RENESAS-ISL9238A Datasheet
2Mb / 45P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Nov 30, 2017
logo
Active-Semi, Inc
ACT510X ACTIVE-SEMI-ACT510X Datasheet
578Kb / 37P
   23V Buck-Boost Converter with Integrated MOSFETs
Rev 1.0, 24-Apr-2018
logo
Linear Technology
LTC3558 LINER-LTC3558 Datasheet
406Kb / 32P
   Linear USB Battery Charger with Buck and Buck-Boost Regulators
LTC3558 LINER-LTC3558_15 Datasheet
404Kb / 32P
   Linear USB Battery Charger with Buck and Buck-Boost Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com