Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4910QW Datasheet(PDF) 12 Page - Active-Semi, Inc

Part # ACT4910QW
Description  Power Loss Protection with 6A eFuse
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4910QW Datasheet(HTML) 12 Page - Active-Semi, Inc

Back Button ACT4910QW Datasheet HTML 8Page - Active-Semi, Inc ACT4910QW Datasheet HTML 9Page - Active-Semi, Inc ACT4910QW Datasheet HTML 10Page - Active-Semi, Inc ACT4910QW Datasheet HTML 11Page - Active-Semi, Inc ACT4910QW Datasheet HTML 12Page - Active-Semi, Inc ACT4910QW Datasheet HTML 13Page - Active-Semi, Inc ACT4910QW Datasheet HTML 14Page - Active-Semi, Inc ACT4910QW Datasheet HTML 15Page - Active-Semi, Inc ACT4910QW Datasheet HTML 16Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
ACT4910QW
Rev 1.0, 15-Sept-2017
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi
Copyright © 2017 Active-Semi, Inc.
12
HEALTH MONITOR
(VIN = 12V, TA = 25°C, unless otherwise specified)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Health Monitor
Operating Voltage Range
4.2
40
V
Sink Current Source
9
10
11
mA
Programmable Health Monitor Current
Sink Timer Range
2
1280
ms
Programmable Storage Voltage Threshold
Range
Configurable 0.2% steps
95
98
%
ADC Monitoring
Operating Voltage Range
3
20
V
Supply Current
Enabled
2
5
mA
Total Error
5V scale and 8 bit range
0.5
LSB
Conversion Time
Total time for all channels
100
ms
Full Scale Input Range
-2.5
2.5
V
Input Resistance
10
kΩ
Input Capacitance
5
pF


Similar Part No. - ACT4910QW

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4911QW301-T ACTIVE-SEMI-ACT4911QW301-T Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
More results

Similar Description - ACT4910QW

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4921QI ACTIVE-SEMI-ACT4921QI Datasheet
3Mb / 35P
   Power Loss Protection with 6A eFuse
Rev 1.0, 18-Jan-2018
logo
Texas Instruments
TPS25942A TI1-TPS25942A Datasheet
3Mb / 54P
[Old version datasheet]   5A eFuse Power MUX with Multiple Protection Modes
logo
Analog Devices
MAX17527A AD-MAX17527A Datasheet
1Mb / 32P
   5.5V to 60V, 6A Power Limiter with OV, UV, Reverse Polarity, Loss of Ground Protection
Rev 0; 11/22
logo
Littelfuse
LS2406ERQ23 LITTELFUSE-LS2406ERQ23 Datasheet
1Mb / 14P
   28V, 6A eFuse with True Reverse Blocking and Fast Role Swap
GD. 09/26/22
LS24062RQ23 LITTELFUSE-LS24062RQ23 Datasheet
1Mb / 16P
   28V 6A Bidirectional eFuse with Dual Port Independent Current Limit Setting
2022 Littelfuse, Inc.
logo
Texas Instruments
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   18-V eFuse with Integrated Short-to-Battery Protection
TPS259250 TI1-TPS259250 Datasheet
1Mb / 35P
[Old version datasheet]   Simple 5V/12V eFuse Protection Switches
TPS2663 TI1-TPS2663_19 Datasheet
4Mb / 52P
[Old version datasheet]   60-V, 6-A Power limiting, surge protection industrial eFuse
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com