Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4921QI Datasheet(PDF) 34 Page - Active-Semi, Inc

Part # ACT4921QI
Description  Power Loss Protection with 6A eFuse
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4921QI Datasheet(HTML) 34 Page - Active-Semi, Inc

Back Button ACT4921QI Datasheet HTML 27Page - Active-Semi, Inc ACT4921QI Datasheet HTML 28Page - Active-Semi, Inc ACT4921QI Datasheet HTML 29Page - Active-Semi, Inc ACT4921QI Datasheet HTML 30Page - Active-Semi, Inc ACT4921QI Datasheet HTML 31Page - Active-Semi, Inc ACT4921QI Datasheet HTML 32Page - Active-Semi, Inc ACT4921QI Datasheet HTML 33Page - Active-Semi, Inc ACT4921QI Datasheet HTML 34Page - Active-Semi, Inc ACT4921QI Datasheet HTML 35Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
ACT4921QI
Rev 1.0, 18-Jan-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi
Copyright © 2018 Active-Semi, Inc.
34
CMI OPTIONS
This section provides the basic default configuration settings for each available ACT4921 CMI option.
CMI 301: ACT4921QI301
CMI 301 is designed for standard 3.3V input applications. CMI 301 default settings are appropriate for most typical
applications. It operates with a buck switching frequency of 1.125MHz to provide an optimal tradeoff between overall
size and efficiency. Table 10 shows the default register settings.
Table 10: CMI 301 Default Register Settings
Function
Value
Register
Register Settings
Storage Voltage
28V
0x0Dh
BST_VSET[4:0] = 10111
Boost Current Limit
950mA
0x0Dh
BST_CLIM[1:0] = 10
Buck Switching Frequency
1125kHz
0x10h
BK_FREQ[1:0] = 01
Buck Peak Current Limit
6A
0x0Fh
BKILIM_OPT = 1
Buck Undervoltage Threshold
80%
0x0Fh
BKUV[1:0] = 10
Input Voltage Overvoltage Reference
0.82V
0x0Eh
VINS_OV_REF[2:0] = 001
Health Monitor Time
32ms
0x0Bh
HMON_TSET[3:0] = 0100
Health Monitor Threshold
95%
0x0Ch
HMON_THR[3:0] = 0000
Startup Delay
1ms
0x0Ch
EN_STARTDLY[2:0] = 001
Latch Supplement Mode
Yes
0x0Ch
EN_LATCH_SPLMNT = 1
Blocking FET Control
Pin Enabled
0x0Bh
EN_ENB_REG = 0
7-bit I2C Address
0x5Ah
n/a
n/a
CMI Identification
0x00h
0x2Ah
CMI_ID[7:0] = 0x00h
I2C Address
The CMI 301 7-bit I2C address is 0x5Ah. This results in 0xB4h for a write address and 0xB5h for a read address.
CMI Identification
The CMI 301 CMI identification (register 0x2Ah) = 0x00h. This register can be used to distinguish between different CMI
versions.


Similar Part No. - ACT4921QI

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4910QW121-T ACTIVE-SEMI-ACT4910QW121-T Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4910QW122-T ACTIVE-SEMI-ACT4910QW122-T Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4911QW301-T ACTIVE-SEMI-ACT4911QW301-T Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
More results

Similar Description - ACT4921QI

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
logo
Texas Instruments
TPS25942A TI1-TPS25942A Datasheet
3Mb / 54P
[Old version datasheet]   5A eFuse Power MUX with Multiple Protection Modes
logo
Analog Devices
MAX17527A AD-MAX17527A Datasheet
1Mb / 32P
   5.5V to 60V, 6A Power Limiter with OV, UV, Reverse Polarity, Loss of Ground Protection
Rev 0; 11/22
logo
Littelfuse
LS2406ERQ23 LITTELFUSE-LS2406ERQ23 Datasheet
1Mb / 14P
   28V, 6A eFuse with True Reverse Blocking and Fast Role Swap
GD. 09/26/22
LS24062RQ23 LITTELFUSE-LS24062RQ23 Datasheet
1Mb / 16P
   28V 6A Bidirectional eFuse with Dual Port Independent Current Limit Setting
2022 Littelfuse, Inc.
logo
Texas Instruments
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   18-V eFuse with Integrated Short-to-Battery Protection
TPS259250 TI1-TPS259250 Datasheet
1Mb / 35P
[Old version datasheet]   Simple 5V/12V eFuse Protection Switches
TPS2663 TI1-TPS2663_19 Datasheet
4Mb / 52P
[Old version datasheet]   60-V, 6-A Power limiting, surge protection industrial eFuse
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com