Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8846 Datasheet(PDF) 32 Page - Active-Semi, Inc

Part # ACT8846
Description  Advanced PMU for Multi-core Application Processors
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8846 Datasheet(HTML) 32 Page - Active-Semi, Inc

Back Button ACT8846_17 Datasheet HTML 28Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 29Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 30Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 31Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 32Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 33Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 34Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 35Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 36Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
ACT8846
Rev 7.0 06-Dec-2017
Innovative PowerTM
-
32 -
www.active-semi.com
Copyright © 2016-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
Figure 3A:
ACT8846QM490 Power Control Sequence for RK3288
100ms
Power on Sequence
nPBIN
nRSTO
PWREN
OUT4
1ms
PWRHLD
UVLO
Main Battery
OUT13
Power off
Sequence
OUT10
1ms
2ms
93% of VOUT4
OUT3
OUT11
93% of VOUT10
1ms
93% of VOUT3
1ms
93% of VOUT1
1ms
OUT9
1ms
OUT2 OUT5
93% of VOUT9
93% of VOUT11
93% of VOUT5
OUT1


Similar Part No. - ACT8846_17

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8846 ACTIVE-SEMI-ACT8846_14 Datasheet
674Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 1, 15-May-13
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
More results

Similar Description - ACT8846_17

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8847 ACTIVE-SEMI-ACT8847_14 Datasheet
763Kb / 38P
   Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
81Kb / 2P
   Advanced PMU for Multi-core Application Processors
22-Oct-12
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
ACT8847 ACTIVE-SEMI-ACT8847_17 Datasheet
2Mb / 39P
   Advanced PMU for Multi-core Application Processors
REV 8, 17-JAN-2017
ACT8847 ACTIVE-SEMI-ACT8847 Datasheet
83Kb / 2P
   Advanced PMU for Multi-core Application Processors
05-Dec-12
ACT8846 ACTIVE-SEMI-ACT8846_14 Datasheet
674Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 1, 15-May-13
ACT8848 ACTIVE-SEMI-ACT8848_14 Datasheet
599Kb / 37P
   Advanced PMU for Multi-core Application Processors
Rev 2, 15-Nov-12
ACT8847_17 ACTIVE-SEMI-ACT8847_17_06 Datasheet
1Mb / 42P
   Advanced PMU for Multi-core Application Processors
REV 9, 27-June-17
ACT8848 ACTIVE-SEMI-ACT8848 Datasheet
80Kb / 2P
   Advanced PMU for Multi-core Application Processors
05-Dec-12
ACT8849 ACTIVE-SEMI-ACT8849 Datasheet
708Kb / 35P
   Advanced PMU for Multi-core Application Processors
Rev PrB, 12-Jun-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com