Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8892 Datasheet(PDF) 25 Page - Active-Semi, Inc

Part # ACT8892
Description  Advanced Power Management Unit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8892 Datasheet(HTML) 25 Page - Active-Semi, Inc

Back Button ACT8892_17 Datasheet HTML 21Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 22Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 23Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 24Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 25Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 26Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 27Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 28Page - Active-Semi, Inc ACT8892_17 Datasheet HTML 29Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
ACT8892
Rev 2, 01-Jul-15
Innovative PowerTM
- 25 -
www.active-semi.com
Copyright © 2015-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
Figure 5:
Hibernate Mode Sequence ACT8892Q4I134-T
Figure 4:
Sleep Mode Sequence ACT8892Q4I134-T
Enter
Sleep
Mode
Power Up Sequence
nPBIN
nPBSTAT
nRSTO
PWRHLD
PWREN
OUT4, OUT5, OUT6, OUT7
OUT1
OUT3
93% of regulation
OUT2
2ms
4ms
260ms
Wake up
Sequence
nPBIN
nPBSTAT
PWRHLD
OUT2
nRSTO
OUT3
93% of regulation
2ms
OUT1
PWREN
93% of regulation
Power Up Sequence
Normal
Mode
Enter
Hibernate
Mode
Wake Up
Sequence
Hibernate
Mode
FRC_ON1[ ]
HBRDY[ ]
93% of regulation
4ms
4ms
260ms
260ms
OUT4, OUT5, OUT6, OUT7


Similar Part No. - ACT8892_17

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8892 ACTIVE-SEMI-ACT8892 Datasheet
88Kb / 2P
   Advanced Power Management Unit
05-Dec-12
More results

Similar Description - ACT8892_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658622A TI-TPS658622A Datasheet
291Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A_1 Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
TPS658629-Q1 TI1-TPS658629-Q1 Datasheet
849Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658620 TI-TPS658620 Datasheet
4Mb / 104P
[Old version datasheet]   Advanced Power Management Unit
TPS658622B TI-TPS658622B Datasheet
287Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658643 TI-TPS658643_V01 Datasheet
804Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A Datasheet
3Mb / 105P
[Old version datasheet]   Advanced Power Management Unit
TPS658621C TI-TPS658621C Datasheet
368Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com