Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR24C02 Datasheet(PDF) 10 Page - Leshan Radio Company

Part # LR24C02
Description  Two-Wire Serial EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR24C02 Datasheet(HTML) 10 Page - Leshan Radio Company

Back Button LR24C02 Datasheet HTML 6Page - Leshan Radio Company LR24C02 Datasheet HTML 7Page - Leshan Radio Company LR24C02 Datasheet HTML 8Page - Leshan Radio Company LR24C02 Datasheet HTML 9Page - Leshan Radio Company LR24C02 Datasheet HTML 10Page - Leshan Radio Company LR24C02 Datasheet HTML 11Page - Leshan Radio Company LR24C02 Datasheet HTML 12Page - Leshan Radio Company LR24C02 Datasheet HTML 13Page - Leshan Radio Company LR24C02 Datasheet HTML 14Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Pin Capacitance
Applicable over recommended operating range from TA = 25 , f = 1.0 MHz, VCC = +1.7V
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Input/Output Capacitance (SDA)
CI/O
-
-
8
pF
VI/O = 0V
Input Capacitance (A0, A1, A2, SCL)
CIN
-
-
6
pF
VIN = 0V
AC Electrical Characteristics
Parameter
Symbol
1.7v < Vcc < 2.5v
2.5v < Vcc < 5.5v
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Clock Frequency, SCL
fSCL
-
-
400
-
-
1000
KHz
Clock Pulse Width Low
tLOW
1.2
-
-
0.6
-
-
us
Clock Pulse Width High
tHIGH
0.6
-
-
0.4
-
-
us
Noise Suppression Time
tI
-
-
50
-
-
40
ns
Clock Low to Data Out Valid
tAA
0.05
-
0.9
0.05
-
0.55
us
Time the bus must be free before
a new transmission can start
tBUF
1.2
-
-
0.5
-
-
us
Start Hold Time
tHD.STA
0.6
-
-
0.25
-
-
us
Start Setup Time
tSU.STA
0.6
-
-
0.25
-
-
us
Data In Hold Time
tHD.DAT
0
-
-
0
-
-
us
Data In Setup Time
tSU.DAT
100
-
-
100
-
-
ns
Inputs Rise Time(1)
tR
-
-
0.3
-
-
0.3
us
Inputs Fall Time(1)
tF
-
-
300
-
-
100
ns
Stop Setup Time
tSU.STO
0.6
-
-
0.25
-
-
us
Data Out Hold Time
tDH
50
-
-
50
-
-
ns
Write Cycle Time
tWR
-
1.5
5
-
1.5
5
ms
5.0V, 25 , Byte Mode
Endurance
1M
-
-
-
-
-
Write Cycles
V2.1
10/15
LESHAN RADIO COMPANY, LTD.


Similar Part No. - LR24C02

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR24C08 LRC-LR24C08 Datasheet
2Mb / 16P
   Two-Wire Serial EEPROM
More results

Similar Description - LR24C02

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com