Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP4768PBF Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IRFP4768PBF
Description  High Efficiency Synchronous Rectification in SMPS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRFP4768PBF Datasheet(HTML) 4 Page - Infineon Technologies AG

  IRFP4768PBF Datasheet HTML 1Page - Infineon Technologies AG IRFP4768PBF Datasheet HTML 2Page - Infineon Technologies AG IRFP4768PBF Datasheet HTML 3Page - Infineon Technologies AG IRFP4768PBF Datasheet HTML 4Page - Infineon Technologies AG IRFP4768PBF Datasheet HTML 5Page - Infineon Technologies AG IRFP4768PBF Datasheet HTML 6Page - Infineon Technologies AG IRFP4768PBF Datasheet HTML 7Page - Infineon Technologies AG IRFP4768PBF Datasheet HTML 8Page - Infineon Technologies AG IRFP4768PBF Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
 
IRFP4768PbF
4
2016-12-12
Fig 8. Maximum Safe Operating Area
Fig 11. Typical Coss Stored Energy
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 12. Maximum Avalanche Energy vs. Drain Current
Fig 10. Drain-to–Source Breakdown Voltage
0.0
0.5
1.0
1.5
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
OPERATION IN THIS AREA
LIMITED BY R DS(on)
Tc = 25°C
Tj = 175°C
Single Pulse
100µsec
1msec
10msec
DC
-60 -40 -20 0 20 40 60 80 100 120140160 180
TJ , Temperature ( °C )
240
260
280
300
320
Id = 5mA
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
400
800
1200
1600
2000
2400
2800
3200
ID
TOP
12A
17A
BOTTOM 56A
-50
0
50
100
150
200
250
300
VDS, Drain-to-Source Voltage (V)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
Fig 9. Maximum Drain Current vs. Case Temperature
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
20
40
60
80
100


Similar Part No. - IRFP4768PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP4768PBF IRF-IRFP4768PBF Datasheet
335Kb / 8P
   HEXFET Power MOSFET
IRFP4768PBF IRF-IRFP4768PBF Datasheet
335Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP4768PBF IRF-IRFP4768PBF_15 Datasheet
335Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results

Similar Description - IRFP4768PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS3004TRL7PP IRF-IRFS3004TRL7PP Datasheet
493Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFU3607-701PBF IRF-IRFU3607-701PBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFS4620TRLPBF IRF-IRFS4620TRLPBF Datasheet
365Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4510GPBF IRF-IRFB4510GPBF Datasheet
230Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF Datasheet
367Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4137PBF IRF-IRFB4137PBF_15 Datasheet
398Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRLB4030PBF IRF-IRLB4030PBF_15 Datasheet
286Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com