Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GP Datasheet(PDF) 46 Page - Cypress Semiconductor

Part # S29GL01GP
Description  1 Gbit, 512, 256, 128 Mbit, 3 V, Page Flash with 90 nm MirrorBit Process Technology
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GP Datasheet(HTML) 46 Page - Cypress Semiconductor

Back Button S29GL01GP Datasheet HTML 42Page - Cypress Semiconductor S29GL01GP Datasheet HTML 43Page - Cypress Semiconductor S29GL01GP Datasheet HTML 44Page - Cypress Semiconductor S29GL01GP Datasheet HTML 45Page - Cypress Semiconductor S29GL01GP Datasheet HTML 46Page - Cypress Semiconductor S29GL01GP Datasheet HTML 47Page - Cypress Semiconductor S29GL01GP Datasheet HTML 48Page - Cypress Semiconductor S29GL01GP Datasheet HTML 49Page - Cypress Semiconductor S29GL01GP Datasheet HTML 50Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 82 page
background image
Document Number: 002-00886 Rev. *B
Page 46 of 83
S29GL01GP
S29GL512P
S29GL256P
S29GL128P
10.2
Customer Lockable Secured Silicon Sector
The Customer Lockable Secured Silicon Sector is always shipped unprotected (DQ7 set to “0”), allowing customers to utilize that
sector in any manner they choose. If the security feature is not required, the Secured Silicon Sector can be treated as an additional
Flash memory space.
Please note the following:
Once the Secured Silicon Sector area is protected, the Secured Silicon Sector Indicator Bit is permanently set to “0.”
The Secured Silicon Sector can be read any number of times, but can be programmed and locked only once. The Secured
Silicon Sector lock must be used with caution as once locked, there is no procedure available for unlocking the Secured Silicon
Sector area and none of the bits in the Secured Silicon Sector memory space can be modified in any way.
The accelerated programming (ACC) and unlock bypass functions are not available when the Secured Silicon Sector is enabled.
Once the Secured Silicon Sector is locked and verified, the system must write the Exit Secured Silicon Sector Region command
sequence which return the device to the memory array at sector 0.
10.3
Secured Silicon Sector Entry/Exit Command Sequences
The system can access the Secured Silicon Sector region by issuing the three-cycle Enter Secured Silicon Sector command
sequence. The device continues to access the Secured Silicon Sector region until the system issues the four-cycle Exit Secured
Silicon Sector command sequence.
See Command Definitions on page 64 [Secured Silicon Sector Command Table, Appendix
Table on page 65 through Table on page 71 for address and data requirements for both command sequences.
The Secured Silicon Sector Entry Command allows the following commands to be executed
Read customer and factory Secured Silicon areas
Program the customer Secured Silicon Sector
After the system has written the Enter Secured Silicon Sector command sequence, it may read the Secured Silicon Sector by using
the addresses normally occupied by sector SA0 within the memory array. This mode of operation continues until the system issues
the Exit Secured Silicon Sector command sequence, or until power is removed from the device.
Software Functions and Sample Code
The following are C functions and source code examples of using the Secured Silicon Sector Entry, Program, and exit commands.
Refer to the Cypress Low Level Driver User’s Guide (available soon on www.cypress.com) for general information on Cypress Flash
memory software development guidelines.
Note
Base = Base Address.
/* Example: SecSi Sector Entry Command */
*( (UINT16 *)base_addr + 0x555 ) = 0x00AA;
/* write unlock cycle 1
*/
*( (UINT16 *)base_addr + 0x2AA ) = 0x0055;
/* write unlock cycle 2
*/
*( (UINT16 *)base_addr + 0x555 ) = 0x0088;
/* write Secsi Sector Entry Cmd
*/
Secured Silicon Sector Entry
(LLD Function = lld_SecSiSectorEntryCmd)
Cycle
Operation
Byte Address
Word Address
Data
Unlock Cycle 1
Write
Base + AAAh
Base + 555h
00AAh
Unlock Cycle 2
Write
Base + 555h
Base + 2AAh
0055h
Entry Cycle
Write
Base + AAAh
Base + 555h
0088h


Similar Part No. - S29GL01GP

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL01GP SPANSION-S29GL01GP Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP SPANSION-S29GL01GP Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP SPANSION-S29GL01GP Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP SPANSION-S29GL01GP Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP SPANSION-S29GL01GP Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results

Similar Description - S29GL01GP

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S29GL512N CYPRESS-S29GL512N Datasheet
1Mb / 92P
   512, 256, 128 Mbit, 3 V, Page Flash Featuring 110 nm MirrorBit
logo
SPANSION
S29GL01GP11TFIR20 SPANSION-S29GL01GP11TFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL128P90FFIR20 SPANSION-S29GL128P90FFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP13FFIV20 SPANSION-S29GL01GP13FFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_12 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL512P12TFIV20 SPANSION-S29GL512P12TFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_07 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P Datasheet
1Mb / 71P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
logo
STMicroelectronics
NAND128-A STMICROELECTRONICS-NAND128-A Datasheet
916Kb / 57P
   128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com