Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL512N Datasheet(PDF) 35 Page - Cypress Semiconductor

Part # S29GL512N
Description  512, 256, 128 Mbit, 3 V, Page Flash Featuring 110 nm MirrorBit
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL512N Datasheet(HTML) 35 Page - Cypress Semiconductor

Back Button S29GL512N Datasheet HTML 31Page - Cypress Semiconductor S29GL512N Datasheet HTML 32Page - Cypress Semiconductor S29GL512N Datasheet HTML 33Page - Cypress Semiconductor S29GL512N Datasheet HTML 34Page - Cypress Semiconductor S29GL512N Datasheet HTML 35Page - Cypress Semiconductor S29GL512N Datasheet HTML 36Page - Cypress Semiconductor S29GL512N Datasheet HTML 37Page - Cypress Semiconductor S29GL512N Datasheet HTML 38Page - Cypress Semiconductor S29GL512N Datasheet HTML 39Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
Document Number: 002-01522 Rev. *B
Page 35 of 92
S29GL512N
S29GL256N
S29GL128N
7.10.2
Password Sector Protection
A highly sophisticated protection method that requires a password before changes to certain sectors or sector groups are permitted
7.10.3
WP# Hardware Protection
A write protect pin that can prevent program or erase operations in the outermost sectors.
The WP# Hardware Protection feature is always available, independent of the software managed protection method chosen.
7.10.4
Selecting a Sector Protection Mode
All parts default to operate in the Persistent Sector Protection mode. The customer must then choose if the Persistent or Password
Protection method is most desirable. There are two one-time programmable non-volatile bits that define which sector protection
method is used. If the customer decides to continue using the Persistent Sector Protection method, they must set the Persistent
Sector Protection Mode Locking Bit
. This permanently sets the part to operate only using Persistent Sector Protection. If the
customer decides to use the password method, they must set the Password Mode Locking Bit. This permanently sets the part to
operate only using password sector protection.
It is important to remember that setting either the Persistent Sector Protection Mode Locking Bit or the Password Mode
Locking Bit
permanently selects the protection mode. It is not possible to switch between the two methods once a locking bit is set.
It is important that one mode is explicitly selected when the device is first programmed, rather than relying on the default
mode alone.
This is so that it is not possible for a system program or virus to later set the Password Mode Locking Bit, which would
cause an unexpected shift from the default Persistent Sector Protection Mode into the Password Protection Mode.
The device is shipped with all sectors unprotected. The factory offers the option of programming and protecting sectors at the factory
prior to shipping the device through the ExpressFlash™ Service. Contact your sales representative for details.
It is possible to determine whether a sector is protected or unprotected. See Autoselect Command Sequence on page 44 for details.
7.11
Advanced Sector Protection
Advanced Sector Protection features several levels of sector protection, which can disable both the program and erase operations in
certain sectors.
Persistent Sector Protection
is a method that replaces the old 12V controlled protection method.
Password Sector Protection
is a highly sophisticated protection method that requires a password before changes to certain
sectors are permitted.
7.12
Lock Register
The Lock Register consists of 3 bits (DQ2, DQ1, and DQ0). These DQ2, DQ1, DQ0 bits of the Lock Register are programmable by
the user. Users are not allowed to program both DQ2 and DQ1 bits of the Lock Register to the 00 state. If the user tries to program
DQ2 and DQ1 bits of the Lock Register to the 00 state, the device aborts the Lock Register back to the default 11 state. The
programming time of the Lock Register is same as the typical word programming time without utilizing the Write Buffer of the device.
During a Lock Register programming sequence execution, the DQ6 Toggle Bit I toggles until the programming of the Lock Register
has completed to indicate programming status. All Lock Register bits are readable to allow users to verify Lock Register statuses.
The Customer Secured Silicon Sector Protection Bit is DQ0, Persistent Protection Mode Lock Bit is DQ1, and Password Protection
Mode Lock Bit is DQ2 are accessible by all users. Each of these bits are non-volatile. DQ15-DQ3 are reserved and must be 1's when
the user tries to program the DQ2, DQ1, and DQ0 bits of the Lock Register. The user is not required to program DQ2, DQ1 and DQ0
bits of the Lock Register at the same time. This allows users to lock the Secured Silicon Sector and then set the device either
permanently into Password Protection Mode or Persistent Protection Mode and then lock the Secured Silicon Sector at separate
instances and time frames.
Secured Silicon Sector Protection allows the user to lock the Secured Silicon Sector area
Persistent Protection Mode Lock Bit allows the user to set the device permanently to operate in the Persistent Protection Mode
Password Protection Mode Lock Bit allows the user to set the device permanently to operate in the Password Protection Mode


Similar Part No. - S29GL512N

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
S29GL512N10FAI010 SPANSION-S29GL512N10FAI010 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI012 SPANSION-S29GL512N10FAI012 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI013 SPANSION-S29GL512N10FAI013 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI020 SPANSION-S29GL512N10FAI020 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
More results

Similar Description - S29GL512N

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S29GL01GP CYPRESS-S29GL01GP Datasheet
910Kb / 82P
   1 Gbit, 512, 256, 128 Mbit, 3 V, Page Flash with 90 nm MirrorBit Process Technology
logo
SPANSION
S29GL-N SPANSION-S29GL-N Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
logo
Cypress Semiconductor
S29GL064N CYPRESS-S29GL064N Datasheet
972Kb / 78P
   64 Mbit, 32 Mbit 3 V Page Mode MirrorBit Flash
logo
SPANSION
S29GL01GP11TFIR20 SPANSION-S29GL01GP11TFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL128P90FFIR20 SPANSION-S29GL128P90FFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL512P12TFIV20 SPANSION-S29GL512P12TFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP13FFIV20 SPANSION-S29GL01GP13FFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_12 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com