Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH314FA Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH314FA
Description  Silicon NPN Phototransistor Version 1.3
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH314FA Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button SFH314FA Datasheet HTML 2Page - OSRAM GmbH SFH314FA Datasheet HTML 3Page - OSRAM GmbH SFH314FA Datasheet HTML 4Page - OSRAM GmbH SFH314FA Datasheet HTML 5Page - OSRAM GmbH SFH314FA Datasheet HTML 6Page - OSRAM GmbH SFH314FA Datasheet HTML 7Page - OSRAM GmbH SFH314FA Datasheet HTML 8Page - OSRAM GmbH SFH314FA Datasheet HTML 9Page - OSRAM GmbH SFH314FA Datasheet HTML 10Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2016-01-04
6
Version 1.3
SFH 314 FA
Package Outline
Dimensions in mm (inch).
Package
5mm Radial (T 1 ¾), Epoxy
Approximate Weight:
0.3 g
Note
Packing information is available on the internet (online product catalog).
5.9 (0.232)
5.5 (0.217)
0.6 (0.024)
0.4 (0.016)
5.7 (0.224)
5.5 (0.217)
6.9 (0.272)
6.1 (0.240)
4.0 (0.157)
3.4 (0.134)
29.5 (1.161)
27.5 (1.083)
1.8 (0.071)
1.2 (0.047)
Area not flat
0.6 (0.024)
0.4 (0.016)
Cathode (Diode)
Chip position
GEXY6630
Collector (Transistor)


Similar Part No. - SFH314FA

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH314FA SIEMENS-SFH314FA Datasheet
45Kb / 5P
   .Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
SFH314FA-2 SIEMENS-SFH314FA-2 Datasheet
45Kb / 5P
   .Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
SFH314FA-3 SIEMENS-SFH314FA-3 Datasheet
45Kb / 5P
   .Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
More results

Similar Description - SFH314FA

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LPT80A OSRAM-LPT80A Datasheet
204Kb / 9P
   Silicon NPN Phototransistor Version 1.3
BPX-43 OSRAM-BPX-43 Datasheet
574Kb / 10P
   Silicon NPN Phototransistor Version 1.3
SFH310FA OSRAM-SFH310FA Datasheet
273Kb / 10P
   Silicon NPN Phototransistor Version 1.3
SFH314 OSRAM-SFH314 Datasheet
388Kb / 10P
   Silicon NPN Phototransistor Version 1.3
BPX-38 OSRAM-BPX-38 Datasheet
389Kb / 10P
   Silicon NPN Phototransistor Version 1.3
BPY-62 OSRAM-BPY-62 Datasheet
518Kb / 10P
   Silicon NPN Phototransistor Version 1.3
BPX-85 OSRAM-BPX-85 Datasheet
331Kb / 11P
   Silicon NPN Phototransistor Arrays Version 1.3
SFH3410R OSRAM-SFH3410R Datasheet
598Kb / 12P
   Silicon NPN Phototransistor with V貫 Characteristics Version 1.3
SFH3716 OSRAM-SFH3716 Datasheet
374Kb / 12P
   Silicon NPN Phototransistor with V貫 Characteristics Version 1.3
SFH325FA OSRAM-SFH325FA Datasheet
396Kb / 14P
   Silicon NPN Phototransistor in SMT SIDELED짰-Package Version 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com